Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

360 Datasheet (PDF) - Adafruit Industries

360 Datasheet PDF - Adafruit Industries
Part # 360
Download  360 Download
File Size   87.1 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description MiFare Classic (13.56MHz RFID/NFC) White Tag - 1KB

360 Datasheet (PDF)

Go To PDF Page Download Datasheet
360 Datasheet PDF - Adafruit Industries

Part # 360
Download  360 Click to download

File Size   87.1 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description MiFare Classic (13.56MHz RFID/NFC) White Tag - 1KB

360 Datasheet (HTML) - Adafruit Industries




Similar Part No. - 360

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
360 INTEL-360 Datasheet
2Mb / 95P
Celeron D Processor
360 INTEL-360 Datasheet
879Kb / 68P
Celeron M Processor on 90 nm Process
logo
Oscilent Corporation
360 OSCILENT-360 Datasheet
145Kb / 3P
Programmable XO
logo
Pentair plc. All rights...
360 PENTAIR-360 Datasheet
255Kb / 2P
COMPACT, LOW-PROFILE SOLUTION FOR A BROAD RANGE OF FILTRATION APPLICATIONS
logo
3M Electronics
360 3M-360 Datasheet
40Kb / 4P
Double Coated Tape with Quick Bonding Adhesive 360
More results


Similar Description - 360

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
MLX12115 MELEXIS-MLX12115 Datasheet
37Kb / 1P
13.56MHz RFID Transceiver
MLX90131 MELEXIS-MLX90131 Datasheet
36Kb / 1P
13.56MHz RFID/NFC Transceiver
logo
AMIC Technology
A9210B AMICC-A9210B Datasheet
208Kb / 13P
13.56MHz RFID TAG IC
A9212A AMICC-A9212A Datasheet
222Kb / 16P
13.56MHz RFID TAG IC
logo
Melexis Microelectronic...
MLX90132 MELEXIS-MLX90132 Datasheet
2Mb / 44P
13.56MHz RFID / NFC Transceiver
logo
Pulse A Technitrol Comp...
W3102 PULSE-W3102 Datasheet
963Kb / 7P
13.56MHz RFID/NFC SMD Antenna
logo
SparkFun Electronics
SEN-10127 SPARKFUN-SEN-10127 Datasheet
216Kb / 1P
RFID Tag ??ABS Token MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-10128 SPARKFUN-SEN-10128 Datasheet
147Kb / 1P
RFID Tag ??Transparent MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-10131 SPARKFUN-SEN-10131 Datasheet
114Kb / 1P
RFID Tag ??Laundry MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-11319 SPARKFUN-SEN-11319 Datasheet
94Kb / 1P
RFID Tag - Adhesive MIFARE Classic짰 1K
6??0??7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com