Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT2075DP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCT2075DP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075DP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCT2075DP Datasheet HTML 16Page - NXP Semiconductors PCT2075DP Datasheet HTML 17Page - NXP Semiconductors PCT2075DP Datasheet HTML 18Page - NXP Semiconductors PCT2075DP Datasheet HTML 19Page - NXP Semiconductors PCT2075DP Datasheet HTML 20Page - NXP Semiconductors PCT2075DP Datasheet HTML 21Page - NXP Semiconductors PCT2075DP Datasheet HTML 22Page - NXP Semiconductors PCT2075DP Datasheet HTML 23Page - NXP Semiconductors PCT2075DP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
PCT2075
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2017. All rights reserved.
Product data sheet
Rev. 9.1 — 21 April 2017
20 of 37
NXP Semiconductors
PCT2075
I2C-bus Fm+ digital temperature sensor and thermal watchdog
there are no protection diodes from SCL or SDA to VCC, the device will not hold the
I2C lines LOW when VCC is not supplied and therefore allow continued I2C-bus
operation if the device is de-powered.
However, good layout practices and extra noise filters are recommended when the device
is used in a very noisy environment:
• Use decoupling capacitors at VCC pin.
• Keep the digital traces away from switching power supplies.
• Apply proper terminations for the long board traces.
• Add capacitors to the SCL and SDA lines to increase the low-pass filter
characteristics.
9.
Limiting values
10. Recommended operating conditions
Table 18.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.3
+6.0
V
VI
input voltage
at input pins
0.3
+6.0
V
II
input current
at input pins
5.0
+5.0
mA
IO(sink)
output sink current
on pin OS
-
60
mA
VO
output voltage
on pin OS
0.3
+6.0
V
Tstg
storage temperature
65
+150
C
Tj
junction temperature
-
150
C
Table 19.
Recommended operating characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.7
-
5.5
V
Tamb
ambient temperature
55
-
+125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com