Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCT2075DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCT2075DP
Description  I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCT2075DP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCT2075DP Datasheet HTML 1Page - NXP Semiconductors PCT2075DP Datasheet HTML 2Page - NXP Semiconductors PCT2075DP Datasheet HTML 3Page - NXP Semiconductors PCT2075DP Datasheet HTML 4Page - NXP Semiconductors PCT2075DP Datasheet HTML 5Page - NXP Semiconductors PCT2075DP Datasheet HTML 6Page - NXP Semiconductors PCT2075DP Datasheet HTML 7Page - NXP Semiconductors PCT2075DP Datasheet HTML 8Page - NXP Semiconductors PCT2075DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
1.
General description
The PCT2075 is a temperature-to-digital converter featuring
1 C accuracy over 25 C
to +100
C range. It uses an on-chip band gap temperature sensor and Sigma-Delta
A-to-D conversion technique with an overtemperature detection output that is a drop-in
replacement for other LM75 series thermal sensors. The device contains a number of data
registers: Configuration register (Conf) to store the device settings such as device
operation mode, OS operation mode, OS polarity and OS fault queue; temperature
register (Temp) to store the digital temp reading, set-point registers (Tos and Thyst) to
store programmable overtemperature shutdown and hysteresis limits, and programmable
temperature sensor sampling time Tidle, that can be communicated by a controller via the
2-wire serial I2C-bus Fast-mode Plus interface.
The PCT2075 also includes an open-drain output (OS) which becomes active when the
temperature exceeds the programmed limits. The OS output operates in either of two
selectable modes: OS comparator mode or OS interrupt mode. Its active state can be
selected as either HIGH or LOW. The fault queue that defines the number of consecutive
faults in order to activate the OS output is programmable as well as the set-point limits.
The PCT2075 can be configured for different operation conditions. It can be set in normal
mode to periodically monitor the ambient temperature, or in shut-down mode to minimize
power consumption.
The temperature register always stores an 11-bit two’s complement data, giving a
temperature resolution of 0.125
C. This high temperature resolution is particularly useful
in applications of measuring precisely the thermal drift or runaway. When the device is
accessed the conversion in process is not interrupted (that is, the I2C-bus section is totally
independent of the Sigma-Delta converter section) and accessing the device continuously
without waiting at least one conversion time between communications will not prevent the
device from updating the Temp register with a new conversion result. The new conversion
result will be available immediately after the Temp register is updated. It is also possible to
read just one of the temperature register bytes without lock-up.
The PCT2075 powers up in the normal operation mode with the OS in comparator mode,
temperature threshold of 80
C and hysteresis of 75 C, so that it can be used as a
stand-alone thermostat with those pre-defined temperature set points. The default
set points can be modified during manufacture and ordered under custom part number.
There are three selectable logic address pins with three logic states so that 27 8-pin
devices or three 6-pin devices can be connected on the same bus without address
conflict.
PCT2075
I2C-bus Fm+, 1 degree C accuracy, digital temperature sensor
and thermal watchdog
Rev. 9.1 — 21 April 2017
Product data sheet


Similar Part No. - PCT2075DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCT2075DP NXP-PCT2075DP Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
PCT2075DP NXP-PCT2075DP Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2075DP NXP-PCT2075DP Datasheet
1Mb / 37P
I2C-bus Fm, 1 C accuracy, digital temperature sensor and thermal watchdog
Rev. 10 - 20 November 2017
PCT2075DP,118 NXP-PCT2075DP,118 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
PCT2075DP/Q900 NXP-PCT2075DP/Q900 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
More results

Similar Description - PCT2075DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLM75 STMICROELECTRONICS-STLM75 Datasheet
308Kb / 37P
Digital temperature sensor and thermal watchdog
06-Jun-2007
STCN75 STMICROELECTRONICS-STCN75_08 Datasheet
315Kb / 35P
Digital temperature sensor and thermal watchdog
17-Jul-2008
logo
NXP Semiconductors
SE95 NXP-SE95 Datasheet
158Kb / 27P
Ultra high accuracy digital temperature sensor and thermal watchdog
Rev. 07-2 September 2009
LM75A NXP-LM75A Datasheet
145Kb / 24P
Digital temperature sensor and thermal watchdog
Rev. 04-10 July 2007
PCT2075 NXP-PCT2075 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 3-21 May 2013
PCT2075_1307 NXP-PCT2075_1307 Datasheet
1Mb / 37P
I2C-bus Fm, 1 degree C accuracy, digital temperature sensor and thermal watchdog
Rev. 4-19 July 2013
LM75B NXP-LM75B_V01 Datasheet
555Kb / 37P
Digital temperature sensor and thermal watchdog
Rev. 6.1-6 February 2015
P3T1085UK NXP-P3T1085UK Datasheet
699Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.0 - 13 December 2022
P3T1084UK NXP-P3T1084UK Datasheet
737Kb / 45P
I3C, I2C-bus, 0.4 °C accuracy, digital temperature sensor
Rev. 1.0 - 29 March 2023
P3T1035XUK NXP-P3T1035XUK Datasheet
712Kb / 46P
I3C, I2C-bus, 0.5 °C accuracy, digital temperature sensor
Rev. 1.1 - 10 November 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com