Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7701MPWREP.A Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC7701MPWREP.A
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC7701MPWREP.A Datasheet(HTML) 2 Page - Texas Instruments

  TLC7701MPWREP.A Datasheet HTML 1Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 2Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 3Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 4Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 5Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 6Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 7Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 8Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
6
1
3
2
7
SENSE
≥1
≥1
≥1
RESET
5
COMP
S
VIT
S<VIT
Z1
Z2
Z3
RESIN
CT
CONTROL
RESET
3
2
1
1
CX
×
TLC7701-EP, TLC7705-EP, TLC7733-EP
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
www.ti.com
In addition to the power-on reset and undervoltage-supervisor function, the TLC77xx adds power-down control
support for static RAM. When CONTROL is tied to GND, RESET will act as active high. The voltage monitor
contains additional logic intended for control of static memories with battery backup during power failure. By
driving the chip select (CS) of the memory circuit with the RESET output of the TLC77xx and with the CONTROL
driven by the memory bank select signal (CSH1) of the microprocessor (see Figure 11), the memory circuit is
automatically disabled during a power loss. (In this application the TLC77xx power has to be supplied by the
battery.)
ORDERING INFORMATION
ORDERABLE PART
TOP-SIDE
TA
PACKAGE(1)
VID NUMBER
NUMBER
MARKING
TLC7701QPWREP
7701QE
V62/04604 - 01XE
-40
°C to 125°C
TSSOP - PW
Tape and reel
TLC7705QPWREP
7705QE
V62/04604 - 02XE
TLC7733QPWREP
7733QE
V62/04604 - 03XE
TLC7701MPWREP
7701ME
V62/04604 - 04XE
TSSOP - PW
Tape and reel
-55
°C to 125°C
TLC7733MPWREP
7733ME
V62/04604 - 06XE
SOIC - D
Tape and reel
TLC7701MDREP
7701ME
V62/04604 - 04YE
(1)
The PW package is only available left-end taped and reeled (indicated by the R suffix on the device type; e.g., TLC7701QPWREP).
Table 1. FUNCTION TABLE
CONTROL
RESIN
VI(SENSE) > VIT+
RESET
RESET
L
L
False
H
L
L
L
True
H
L
L
H
False
H
L
L
H
True
L(1)
H(1)
H
L
False
H
L
H
L
True
H
L
H
H
False
H
L
H
H
True
H
H(1)
(1)
RESET and RESET states shown are valid for t
> td.
(1)
This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Figure 1. Logic Symbol
2
Submit Documentation Feedback
Copyright
© 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): TLC7701-EP TLC7705-EP TLC7733-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com