Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC7701MPWREP.A Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC7701MPWREP.A
Description  MICROPOWER SUPPLY VOLTAGE SUPERVISORS
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLC7701MPWREP.A Datasheet(HTML) 1 Page - Texas Instruments

  TLC7701MPWREP.A Datasheet HTML 1Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 2Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 3Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 4Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 5Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 6Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 7Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 8Page - Texas Instruments TLC7701MPWREP.A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1
2
3
4
8
7
6
5
CONTROL
RESIN
CT
GND
VDD
SENSE
RESET
RESET
D OR PW PACKAGE
(TOP VIEW)
TLC7701-EP, TLC7705-EP, TLC7733-EP
www.ti.com
SGLS013E
– MARCH 2003 – REVISED NOVEMBER 2011
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
Check for Samples: TLC7701-EP, TLC7705-EP, TLC7733-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
•
Power-On Reset Generator
•
Controlled Baseline
•
Automatic Reset Generation After Voltage
Drop
•
One Assembly/Test Site
•
Precision Voltage Sensor
•
One Fabrication Site
•
Temperature-Compensated Voltage Reference
•
Available in Extended (
–40°C/125°C
and
–55°C/125°C), Temperature Ranges(1)
•
Programmable Delay Time by External
Capacitor
•
Extended Product Life Cycle
•
Supply Voltage Range . . . 2 V to 6 V
•
Extended Product-Change Notification
•
Defined RESET Output from VDD ≥ 1 V
•
Product Traceability
•
Power-Down Control Support for Static RAM
With Battery Backup
•
Maximum Supply Current of 16 mA
•
Power Saving Totem-Pole Outputs
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The TLC77xx family of micropower supply voltage supervisors provide reset control, primarily in microcomputer
and microprocessor systems.
During power-on, RESET is asserted when VDD reaches 1 V. After minimum VDD (≥ 2 V) is established, the
circuit monitors SENSE voltage and keeps the reset outputs active as long as SENSE voltage (VI(SENSE)) remains
below the threshold voltage. An internal timer delays return of the output to the inactive state to ensure proper
system reset. The delay time (td) is determined by an external capacitor:
td = 2.1 × 10
4 × C
T
(1)
Where
CT is in farads
td is in seconds
Except for the TLC7701, which can be customized with two external resistors, each supervisor has a fixed sense
threshold voltage set by an internal voltage divider. When SENSE voltage drops below the threshold voltage, the
outputs become active and stay in that state until SENSE voltage returns above threshold voltage and the delay
time (td) has expired.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2003–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC7701MPWREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701MPWREP TI1-TLC7701MPWREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701MPWREP TI1-TLC7701MPWREP Datasheet
1Mb / 21P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701MPWREPG4 TI1-TLC7701MPWREPG4 Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701MPWREPG4 TI1-TLC7701MPWREPG4 Datasheet
1Mb / 21P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TLC7701MPWREP.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC7701-EP TI-TLC7701-EP Datasheet
214Kb / 11P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_12 Datasheet
1Mb / 32P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1 Datasheet
217Kb / 14P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7725IDR TI-TLC7725IDR Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701IPWG4 TI-TLC7701IPWG4 Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7705MJGB TI1-TLC7705MJGB Datasheet
1Mb / 36P
Micropower Supply Voltage Supervisors
TLC7701MDREP TI1-TLC7701MDREP Datasheet
621Kb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_16 Datasheet
1Mb / 38P
Micropower Supply Voltage Supervisors
TLC7701-Q1 TI1-TLC7701-Q1_16 Datasheet
1Mb / 18P
MICROPOWER SUPPLY VOLTAGE SUPERVISORS
TLC7701 TI1-TLC7701_17 Datasheet
1Mb / 37P
Micropower Supply Voltage Supervisors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com