Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IPWLE Datasheet(PDF) 22 Page - Texas Instruments

Part # TLV2341IPWLE
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2341IPWLE Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV2341IPWLE Datasheet HTML 18Page - Texas Instruments TLV2341IPWLE Datasheet HTML 19Page - Texas Instruments TLV2341IPWLE Datasheet HTML 20Page - Texas Instruments TLV2341IPWLE Datasheet HTML 21Page - Texas Instruments TLV2341IPWLE Datasheet HTML 22Page - Texas Instruments TLV2341IPWLE Datasheet HTML 23Page - Texas Instruments TLV2341IPWLE Datasheet HTML 24Page - Texas Instruments TLV2341IPWLE Datasheet HTML 25Page - Texas Instruments TLV2341IPWLE Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS (MEDIUM-BIAS MODE)
Table of Graphs
FIGURE
VIO
Input offset voltage
Distribution
32, 33
αVIO
Input offset voltage temperature coefficient
Distribution
34, 35
vs Output current
36
VOH
High-level output voltage
vs Supply voltage
37
OH
gg
g
vs Temperature
38
vs Common-mode input voltage
39
VOL
Low level output voltage
vs Common mode in ut voltage
vs Temperature
39
40, 42
VOL
Low-level output voltage
vs Differential input voltage
,
41
vs Low-level output current
43
vs Supply voltage
44
AVD
Large-signal differential voltage amplification
yg
vs Temperature
45
VD
gg
g
vs Frequency
56, 57
IIB
Input bias current
vs Temperature
46
IIO
Input offset current
vs Temperature
46
VIC
Common-mode input voltage
vs Supply voltage
47
IDD
Supply current
vs Supply voltage
48
IDD
Supply current
yg
vs Temperature
49
SR
Slew rate
vs Supply voltage
50
SR
Slew rate
yg
vs Temperature
51
Bias select current
vs Supply current
52
VO(PP) Maximum peak-to-peak output voltage
vs Frequency
53
B1
Unity gain bandwidth
vs Temperature
54
B1
Unity-gain bandwidth
vs Supply voltage
55
vs Supply voltage
58
φm
Phase margin
yg
vs Temperature
59
φm
g
vs Load capacitance
60
Vn
Equivalent input noise voltage
vs Frequency
61
Phase shift
vs Frequency
56, 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com