Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2341IPWLE Datasheet(PDF) 44 Page - Texas Instruments

Part # TLV2341IPWLE
Description  LinCMOSE PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2341IPWLE Datasheet(HTML) 44 Page - Texas Instruments

Back Button TLV2341IPWLE Datasheet HTML 40Page - Texas Instruments TLV2341IPWLE Datasheet HTML 41Page - Texas Instruments TLV2341IPWLE Datasheet HTML 42Page - Texas Instruments TLV2341IPWLE Datasheet HTML 43Page - Texas Instruments TLV2341IPWLE Datasheet HTML 44Page - Texas Instruments TLV2341IPWLE Datasheet HTML 45Page - Texas Instruments TLV2341IPWLE Datasheet HTML 46Page - Texas Instruments TLV2341IPWLE Datasheet HTML 47Page - Texas Instruments TLV2341IPWLE Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
TLV2341, TLV2341Y
LinCMOS
™ PROGRAMMABLE LOW-VOLTAGE
OPERATIONAL AMPLIFIERS
SLOS110A – MAY 1992 – REVISED AUGUST 1994
44
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
input bias current
Because of the high input impedance of the TLV2341 operational amplifier, attempts to measure the input bias
current can result in erroneous readings. The bias current at normal ambient temperature is typically less than
1 pA, a value that is easily exceeded by leakages on the test socket. Two suggestions are offered to avoid
erroneous measurements:
• Isolatethedevicefromotherpotentialleakagesources.Useagroundedshieldaroundandbetweenthe
device inputs (see Figure 95). Leakages that would otherwise flow to the inputs are shunted away.
• Compensate for the leakage of the test socket by actually performing an input bias current test (using a
picoammeter) with no device in the test socket. The actual input bias current can then be calculated by
subtracting the open-socket leakage readings from the readings obtained with a device in the test
socket.
Many automatic testers as well as some bench-top operational amplifier testers use the servo-loop
technique with a resistor in series with the device input to measure the input bias current (the voltage
drop across the series resistor is measured and the bias current is calculated). This method requires
that a device be inserted into the test socket to obtain a correct reading; therefore, an open-socket
reading is not feasible using this method.
V = VIC
8
5
1
4
Figure 95. Isolation Metal Around Device Inputs (P package)
low-level output voltage
To obtain low-level supply-voltage operation, some compromise is necessary in the input stage. This
compromise results in the device low-level output voltage being dependent on both the common-mode input
voltage level as well as the differential input voltage level. When attempting to correlate low-level output
readings with those quoted in the electrical specifications, these two conditions should be observed. If
conditions other than these are to be used, please refer to the Typical Characteristics section of this data sheet.
input offset voltage temperature coefficient
Erroneous readings often result from attempts to measure temperature coefficient of input offset voltage. This
parameter is actually a calculation using input offset voltage measurements obtained at two different
temperatures. When one (or both) of the temperatures is below freezing, moisture can collect on both the device
and the test socket. This moisture results in leakage and contact resistance which can cause erroneous input
offset voltage readings. The isolation techniques previously mentioned have no effect on the leakage since the
moisture also covers the isolation metal itself, thereby rendering it useless. These measurements should be
performed at temperatures above freezing to minimize error.
full-power response
Full-power response, the frequency above which the operational amplifier slew rate limits the output voltage
swing, is often specified two ways: full-linear response and full-peak response. The full-linear response is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com