Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY43 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGY43
Description  VHF power amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY43 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGY43 Datasheet HTML 1Page - NXP Semiconductors BGY43 Datasheet HTML 2Page - NXP Semiconductors BGY43 Datasheet HTML 3Page - NXP Semiconductors BGY43 Datasheet HTML 4Page - NXP Semiconductors BGY43 Datasheet HTML 5Page - NXP Semiconductors BGY43 Datasheet HTML 6Page - NXP Semiconductors BGY43 Datasheet HTML 7Page - NXP Semiconductors BGY43 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1996 Jun 06
4
Philips Semiconductors
Product specification
VHF power amplifier module
BGY43
CHARACTERISTICS
ZS = ZL = 50 Ω; VS1 = VS2 = 12.5 V; f = 148 to 174 MHz; Th = 25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IQ1
leakage current
PD = 0
−
5
−
mA
IQ2
leakage current
PD = 0
−
15
−
mA
PD
input drive power
PL = 13 W
−
80
150
mW
η
efficiency
PL = 13 W
40
48
−
%
H2
second harmonic
−25
−34
−
dBc
H3
third harmonic
−25
−34
−
dBc
VSWRin
input VSWR
with respect to 50
Ω
−
1 : 1.5
−
Fig.3 Circuit diagram.
handbook, full pagewidth
MGE660
+VS1
+VS2
3
1
R.F. input
2
4
DRIVER
P.A.
5
7
6
R.F. output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com