Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGY43 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BGY43
Description  VHF power amplifier module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGY43 Datasheet(HTML) 2 Page - NXP Semiconductors

  BGY43 Datasheet HTML 1Page - NXP Semiconductors BGY43 Datasheet HTML 2Page - NXP Semiconductors BGY43 Datasheet HTML 3Page - NXP Semiconductors BGY43 Datasheet HTML 4Page - NXP Semiconductors BGY43 Datasheet HTML 5Page - NXP Semiconductors BGY43 Datasheet HTML 6Page - NXP Semiconductors BGY43 Datasheet HTML 7Page - NXP Semiconductors BGY43 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Jun 06
2
Philips Semiconductors
Product specification
VHF power amplifier module
BGY43
FEATURES
• Broadband VHF amplifier
• 13 W output power
• Direct operation from 12 V vehicle
electrical systems
APPLICATIONS
• Mobile communication equipment
operating in the 148 to 174 MHz
frequency range.
DESCRIPTION
The BGY43 is a two-stage amplifier
module in a SOT132B package. The
module consists of a two stage RF
amplifier using NPN silicon planar
transistor dies with lumped-element
matching components, in a plastic
stripline encapsulation. The negative
supply is internally connected to the
flange.
PINNING - SOT132B
PIN
DESCRIPTION
1
RF input
2
ground
3
VS1
4
ground
5
VS2
6
ground
7
RF output
Flange
ground
Fig.1 Simplified outline.
handbook, halfpage
1 2 3 4
5 6 7
Top view
MSB029
QUICK REFERENCE DATA
RF performance at Th = 25 °C.
MODE OF
OPERATION
f
(MHz)
VS1; VS2
(V)
PD
(mW)
PL
(W)
ZS, ZL
(
Ω)
CW
148 to 174
12.5
≤150; typ 80
>13
50
WARNING
Product and environmental safety - toxic materials
This product contains beryllium oxide. The product is entirely safe provided that the BeO disc is not damaged.
All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety
precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of
the user. It must never be thrown out with the general or domestic waste.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com