Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # 2000
Description  Digital Thermometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2000 Datasheet(HTML) 1 Page - Digitron Semiconductors

  2000 Datasheet HTML 1Page - Digitron Semiconductors 2000 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Built for
speed, accuracy and performance at an affordable price, the robust 2000 series of hand-held digital
thermometers provides a range of enhanced features to meet the changing demands of both
industrial and food
environments.
The rugged 2000 Series provides precise,
stable readings and high accuracy even in the harshest of environments.
They are
simple to operate, fast, reliable and built to last. In this unique range we can offer advanced features such
as dual input instruments which combined with interchangeable probe options makes this series a leader in its field.
Optional coloured rubber boots add protection and style to these instruments.
2000 Series
Digital Thermometers
Data Sheet: 2000-003/19
Resolution:
0.1° from -199.9°C to +199.9°C
-199.9°F to +392.0°F 1°C elsewhere
Ambient Operating Temperature: -10°C to +50°C/+14°F to +122°F (ambient)
Battery Type: Two AA or equivalent cells (not supplied)
Battery Life: Typically 500 hours
Low Battery Check: Symbol appears on display
Display: 12.7mm / 0.5” custom L.C.D.
Sensor Open Circuit: Indicated by ‘O-C’ on display
Overrange/Underrange: ‘Out’ displayed
Cold Junction Compensation: Yes
Environmental Specifications: IP65 (IP67 optional)
Auto Switch-Off Time: 12 minutes
Dimensions: 155 x 67 x 40mm/6.1 x 2.6 x 1.6”
Weight: 180g/6.4oz
Kenfig Industrial Estate, Margam, Port Talbot, SA13 2PW United Kingdom
T: +44 (0) 1656 740 551 E: rototherm@rototherm.co.uk W: www.rotothermgroup.com
Rototherm Group
Excellence the World can Measuretm
General Specification
Key Features and Benefits
• Long battery life – typically 500 hours
• Accurate performance – 0.2% of reading
• Robust Case – Ensuring long life in demanding and
harsh environments
• Selectable auto switch-off – saves on operational costs
• Automatic zero calibration – for added accuracy
• 2000BT – Protective Rubber Sleeve
• Carry Case
• Various Probe Options
• Calibration Certificate
Optional Extras
For other options, please contact us digitronsales@rototherm.co.uk or +44 (0)1656 740551
2000T Model
A
world leader in digital thermometers, Rototherm has become the standard for accurate and reliable measurement
across the following industries:
Main Applications
Food & Beverage
Industrial


Similar Part No. - 2000

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
2000 CDE-2000 Datasheet
107Kb / 1P
Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
logo
Make-Ps
2000 MAKE-PS-2000 Datasheet
260Kb / 3P
Single, Dual, Triple Output DC/DC Converter
logo
Keysight Technologies
2000 KEYSIGHT-2000 Datasheet
2Mb / 24P
InfiniiVision 2000 X-Series Oscilloscopes
logo
3M Electronics
2000 3M-2000 Datasheet
15Kb / 2P
2000 Electrician’s Duct Tape
logo
Enercon Technologies Eu...
2000 ENERCON-2000 Datasheet
847Kb / 3P
Military Ethernet to Serial, GPIO Unit
July 24, 2023
More results

Similar Description - 2000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP03 AD-TMP03 Datasheet
375Kb / 16P
Serial Digital Output Thermometers
REV.0
logo
Extech Instruments Corp...
4465CF EXTECH-4465CF Datasheet
232Kb / 8P
Hygro-Thermometers
logo
Analog Devices
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FT9Z AD-TMP03FT9Z Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03FSZ AD-TMP03FSZ Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP03 AD-TMP03_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
TMP04 AD-TMP04_15 Datasheet
220Kb / 16P
Serial Digital Output Thermometers
REV. A
logo
List of Unclassifed Man...
625 ETC2-625 Datasheet
87Kb / 1P
COMPACT DIGITAL THERMOMETERS & THERMO-HYGROMETERS
715 ETC2-715 Datasheet
100Kb / 1P
DUAL INPUT DIGITAL THERMOMETERS
logo
Analog Devices
TMP03 AD-TMP03_16 Datasheet
315Kb / 17P
Serial Digital Output Thermometers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com