Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2000 Datasheet(PDF) 2 Page - Digitron Semiconductors

Part # 2000
Description  Digital Thermometers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2000 Datasheet(HTML) 2 Page - Digitron Semiconductors

  2000 Datasheet HTML 1Page - Digitron Semiconductors 2000 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In keeping with British Rototherm’s policy for continual product development and improvement, we reserve the right to amend.
©2019 Rototherm Group. All rights reserved. Company registered in Wales : 2570730. Registered office as above.
Digital Thermometers
Data Sheet: 2000-003/19
Calibration and After-Sales Support
• Fully trained field service personnel
• Use of UKAS certified calibration equipment
• 5 day turnaround
• Fixed pricing
• Approved manufacturer parts
• Full post-service reports
• 12 month warranty
Technical Certification
• Certificate of Conformity
• Factory Test Certificate
• Factory Calibration Certificate
• Certificate of Origin
• EUR1
• ATR
Export Documentation
ISO9001:2015
FM11958
Model Specification
Instrument
Accuracies
(All ±1 Digit)
(Excluding probe
error)
2000T
0.1% rdg ±0.2°C/0.4°F above -100°C/ -148°F0.5% rdg ±0.2°C/0.4°F below -100°C/-148°F
2006T
±0.2°C/0.4°F over range -20°C to +70°C/ -4°F to +158°F±0.1 % rdg ±0.2°C/0.4°F elsewhere
2024T
±0.2% rdg ±0.1°C/0.2°F over range -150°C to +800°C/ -238°F to +1472°F
2029T
0.1% rdg ±0.2°C/0.4°F above -100°C/-148°F 0.5% rdg ±0.2°C/0.4°F below -100°C/-148°F
Range
2000T
-200°Cto+1350°C/-328°Fto+2462°F
2029T T -250°C to +400°C/-418°F to + 752°F
2006T
-250°C to +400°C/ -418°F to +752°F
2029T J -750°C to +750°C/-1318°F to 1382°F
2024T
-150°Cto+800°C/-238°Fto+1472°F
2029T N -200°C to +1300°C/-328°F to +2372°F
2029T K
-200°C to +1350°C/-328°F to +2462°F
2029T S 0°C to +1750°C/+32°F to 3182°F
For more information, please contact our service team
digitronservice@rototherm.co.uk
Model Options
2000T
(Refer to IEC 60584)
2006T
(Refer to IEC 60584)
2024T
(Refer to IEC 751)
2029T
(Refer to IEC 60584)
Sensor Type
K
T
Pt100
K T J N R S
Connector Type
2 pin mini
2 pin mini
TCM screw
2 pin mini
°C/°F Function*
•
•
Hold Function
•
•
•
•
Range Lock
•
•
Max/Min
•
•
Averaging
•
Differential Input
•



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com