Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD709 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BD709
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD709 Datasheet(HTML) 1 Page - STMicroelectronics

  BD709 Datasheet HTML 1Page - STMicroelectronics BD709 Datasheet HTML 2Page - STMicroelectronics BD709 Datasheet HTML 3Page - STMicroelectronics BD709 Datasheet HTML 4Page - STMicroelectronics BD709 Datasheet HTML 5Page - STMicroelectronics BD709 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BD707/709/711
BD708/712
COMPLEMENTARY SILICON POWER TRANSISTORS
s
COMPLEMENTARY PNP - NPN DEVICES
APPLICATION
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BD707, BD709 and BD711 are silicon
Epitaxial-Base NPN power transistors in Jedec
TO-220 plastic package. They are intented for
use in power linear and switching applications.
The BD707 and BD711 complementary PNP
types are BD708 and BD712 respectively.
®
INTERNAL SCHEMATIC DIAGRAM
September 1999
1
2
3
TO-220
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Un it
NPN
BD707
BD709
BD711
PNP
BD708
BD712
VCBO
Collector-Base Voltage (IE =0)
60
80
100
V
VCER
Collector-Emitter Voltage (VBE =0)
60
80
100
V
VCEO
Collector-Emitter Voltage (IB =0)
60
80
100
V
VEBO
Emitter-Base Voltage (IC =0)
5
V
IC
Collector Current
12
A
ICM
Collector Peak Current
18
A
IB
Base Current
5
A
Ptot
T otal Dissipation at Tc
≤ 25 oC
75
W
Tstg
Storage Temperat ure
-65 t o 150
o C
Tj
Max. Operating Junction Temperature
150
o C
For PNP types voltage and current values are negative
1/6


Similar Part No. - BD709

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD709 STMICROELECTRONICS-BD709 Datasheet
261Kb / 5P
NPN POWER TRANSISTORS
logo
Savantic, Inc.
BD709 SAVANTIC-BD709 Datasheet
92Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD709 ISC-BD709 Datasheet
133Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
BD709 NJSEMI-BD709 Datasheet
102Kb / 2P
silicon epitaxial-base NPN power transistors in Jedec TO-220 plastic package
More results

Similar Description - BD709

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com