Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD709 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BD709
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD709 Datasheet(HTML) 2 Page - STMicroelectronics

  BD709 Datasheet HTML 1Page - STMicroelectronics BD709 Datasheet HTML 2Page - STMicroelectronics BD709 Datasheet HTML 3Page - STMicroelectronics BD709 Datasheet HTML 4Page - STMicroelectronics BD709 Datasheet HTML 5Page - STMicroelectronics BD709 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Rthj-case
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
1.67
70
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbo l
Parameter
Test Con ditions
Min.
T yp.
Max.
Unit
ICBO
Collector Cut -of f
Current (IE =0)
for BD707/708
VCB =60 V
for BD709
VCB =80 V
for BD711/712
VCB = 100 V
Tcase =150
oC
for BD707/708
VCB =60 V
for BD709
VCB =80 V
for BD711/712
VCB = 100 V
100
100
100
1
1
1
µA
µA
µA
mA
mA
mA
ICEO
Collector Cut -of f
Current (IB =0)
for BD707/708
VCE =30 V
for BD709
VCE =40 V
for BD711/712
VCE =50 V
100
100
100
mA
mA
mA
IEBO
Emitter Cut-off Current
(IC =0)
VEB =5 V
1
mA
VCEO(s us)
∗ Collector-Emitter
Sustaining Voltage
(IB =0)
IC =100 mA
for BD707/708
for BD709
for BD711/ 712
60
80
100
V
V
V
VCE(sat)
∗ Collector-Emitter
Sat uration Volt age
IC =4 A
I B =0.4 A
1
V
VCEK
∗
Knee Voltage
IC =3 A
I B =**
0. 4
V
VBE
∗
Base-Emitter Voltage
IC =4 A
VCE =4 V
1. 5
V
hFE
∗
DC Current Gain
IC =0.5 A
VCE =2 V
IC =2 A
VCE =2 V
for BD707/708
for BD709
IC =4 A
VCE =4 V
IC =10 A
VCE =4 V
for BD707/708
for BD709
for BD711/ 712
40
30
30
15
5
120
10
8
8
400
150
fT
Transition frequency
IC =300 mA
VCE =3 V
3
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
** Value for which IC = 3.3 A at VCE = 2V.
For PNP types voltage and current values are negative.
BD707/708/709/711/712
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com