Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC237B Datasheet(PDF) 3 Page - Multicomp Pro

Part # BC237B
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC237B Datasheet(HTML) 3 Page - Multicomp Pro

  BC237B Datasheet HTML 1Page - Multicomp Pro BC237B Datasheet HTML 2Page - Multicomp Pro BC237B Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page <3>
V1.1
17/09/19
General Purpose Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
Part Number
Transistor, NPN, TO-92
BC237B
Part Number Table
Pin Configuration:
1. Emitter
2. Base
3. Collector
Dimensions
Min.
Max.
A
4.32
5.33
B
4.45
5.2
C
3.18
4.19
D
0.41
0.55
E
0.35
0.5
F
5°
G
1.14
1.4
H
1.14
1.53
K
12.7
-
L
1.982
2.082
Dimensions : Millimetres
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
theuseofitotherthanforinformationpurposesinconnectionwiththeproductstowhichitrelates.Nolicenceofanyintellectualpropertyrightsisgranted.TheInformationissubjecttochange
withoutnoticeandreplacesalldatasheetspreviouslysupplied.TheInformationsuppliedisbelievedtobeaccuratebuttheGroupassumesnoresponsibilityforitsaccuracyorcompleteness,
anyerrorinoromissionfromitorforanyusemadeofit.UsersofthisdatasheetshouldcheckforthemselvestheInformationandthesuitabilityoftheproductsfortheirpurposeandnotmake
anyassumptionsbasedoninformationincludedoromitted.LiabilityforlossordamageresultingfromanyrelianceontheInformationoruseofit(includingliabilityresultingfromnegligenceor
wheretheGroupwasawareofthepossibilityofsuchlossordamagearising)isexcluded.ThiswillnotoperatetolimitorrestricttheGroup’sliabilityfordeathorpersonalinjuryresultingfromits
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com