Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC237B Datasheet(PDF) 1 Page - Multicomp Pro

Part # BC237B
Description  General Purpose Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BC237B Datasheet(HTML) 1 Page - Multicomp Pro

  BC237B Datasheet HTML 1Page - Multicomp Pro BC237B Datasheet HTML 2Page - Multicomp Pro BC237B Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.1
17/09/19
General Purpose Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Absolute Maximum Ratings
Description:
GeneralpurposeNPNsiliconplanarepitaxialtransistors,bestsuitedforuseindriverstagesofaudioamplifiers,
lownoiseinputstagesoftaperecorders.Hi-Fiamplifiers,signalprocessingcircuitsoftelevisionreceivers.
Parameter
Symbol
Value
Units
Collector-Emitter Voltage
V
CEO
45
V
Collector-Emitter Voltage
V
CES
50
Emitter-Base Voltage
V
EBO
6
Collector Current Continuous
I
C
100
mA
Power Dissipation at T
a = 25°C
Derate Above 25°C
P
D
350
2.8
mW
mW/°C
Total Device Dissipation at T
c = 25°C
Derate Above 25°C
1
8
W
mW/°C
Operating and Storage Junction
Temperature Range
T
j, Tstg
-55 to + 150
°C
Thermal Resistance
Junction to Ambient
R
th (j-a)
375
ºC/W
Junction to Case
R
th (j-c)
125
Pin Configuration:
1. Emitter
2. Base
3. Collector


Similar Part No. - BC237B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC237B MOTOROLA-BC237B Datasheet
112Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC237B ONSEMI-BC237B Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC237B PHILIPS-BC237B Datasheet
51Kb / 8P
NPN general purpose transistors
1997 Sep 04
logo
Fairchild Semiconductor
BC237B FAIRCHILD-BC237B Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
ON Semiconductor
BC237B ONSEMI-BC237B Datasheet
54Kb / 4P
Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
More results

Similar Description - BC237B

ManufacturerPart #DatasheetDescription
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
General purpose transistor
logo
SeCoS Halbleitertechnol...
2SA673 SECOS-2SA673_11 Datasheet
360Kb / 2P
General Purpose Transistor
BCP772 SECOS-BCP772 Datasheet
493Kb / 2P
General Purpose Transistor
KSD471A SECOS-KSD471A Datasheet
202Kb / 2P
General Purpose Transistor
KTC3198 SECOS-KTC3198 Datasheet
109Kb / 3P
General Purpose Transistor
MMBT593 SECOS-MMBT593 Datasheet
355Kb / 2P
General Purpose Transistor
MMBT2222Q SECOS-MMBT2222Q Datasheet
257Kb / 4P
General Purpose Transistor
MMBT3904W SECOS-MMBT3904W Datasheet
419Kb / 6P
General Purpose Transistor
PZT3904 SECOS-PZT3904 Datasheet
188Kb / 5P
General Purpose Transistor
logo
WILLAS ELECTRONIC CORP
MMBT2907AWT1 WILLAS-MMBT2907AWT1 Datasheet
285Kb / 3P
General Purpose Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com