Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW94C Datasheet(PDF) 1 Page - STMicroelectronics

Part # BDW94C
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDW94C Datasheet(HTML) 1 Page - STMicroelectronics

  BDW94C Datasheet HTML 1Page - STMicroelectronics BDW94C Datasheet HTML 2Page - STMicroelectronics BDW94C Datasheet HTML 3Page - STMicroelectronics BDW94C Datasheet HTML 4Page - STMicroelectronics BDW94C Datasheet HTML 5Page - STMicroelectronics BDW94C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
BDW93C
BDW94B/BDW94C
COMPLEMENTARY SILICON POWER
DARLINGTON TRANSISTORS
s
STMicroelectronics PREFERRED
SALESTYPES
s
COMPLEMENTARY PNP - NPN DEVICES
s
INTEGRATED ANTIPARALLEL
COLLECTOR-EMITTER DIODE
APPLICATIONS
s
LINEAR AND SWITCHING INDUSTRIAL
EQUIPMENT
DESCRIPTION
The BDW93C is a silicon Epitaxial-Base NPN
power
transistor
in
monolithic
Darlington
configuration mounted in Jedec TO-220 plastic
package. It is intented for use in power linear and
switching applications.
The complementary PNP type is BDW94C.
Also BDW94B is a PNP type.
®
INTERNAL SCHEMATIC DIAGRAM
October 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Un it
NPN
BDW93C
PNP
BDW94B
BDW94C
VCBO
Collector-Base Voltage (IE = 0)
80
100
V
VCEO
Collector-Emitter Voltage (IB = 0)
80
100
V
IC
Collector Current
12
A
ICM
Collector Peak Current
15
A
IB
Base Current
0.2
A
Ptot
T otal Dissipat ion at Tc
≤ 25 oC
80
W
Tstg
Storage Temperature
-65 t o 150
o C
Tj
Max. Operating Junction Temperature
150
o C
For PNP types voltage and current values are negative.
1
2
3
TO-220
R1 Typ. = 10 K
Ω
R2 Typ. = 150
Ω
1/6


Similar Part No. - BDW94C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW94C MOSPEC-BDW94C Datasheet
183Kb / 4P
POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94C POINN-BDW94C Datasheet
152Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
Transys Electronics
BDW94C TRSYS-BDW94C Datasheet
689Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94C FAIRCHILD-BDW94C Datasheet
39Kb / 5P
Power Linear and Switching Applications
BDW94C FAIRCHILD-BDW94C Datasheet
43Kb / 5P
PNP Epitaxial Silicon Transistor
More results

Similar Description - BDW94C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jun-1997
logo
Central Semiconductor C...
2N6034 CENTRAL-2N6034 Datasheet
346Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
2N6053 CENTRAL-2N6053 Datasheet
55Kb / 1P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
TIP100 CENTRAL-TIP100 Datasheet
70Kb / 1P
Silicon Power darlington Complementary transistors
MJ4032 CENTRAL-MJ4032 Datasheet
582Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PMD18K CENTRAL-PMD18K Datasheet
488Kb / 2P
COMPLEMENTARY SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
BDW42G ONSEMI-BDW42G Datasheet
89Kb / 7P
Darlington Complementary Silicon Power Transistors
August, 2016 ??Rev. 17
logo
Tiger Electronic Co.,Lt...
MJD112 TGS-MJD112 Datasheet
204Kb / 1P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com