Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW94C Datasheet(PDF) 2 Page - STMicroelectronics

Part # BDW94C
Description  COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDW94C Datasheet(HTML) 2 Page - STMicroelectronics

  BDW94C Datasheet HTML 1Page - STMicroelectronics BDW94C Datasheet HTML 2Page - STMicroelectronics BDW94C Datasheet HTML 3Page - STMicroelectronics BDW94C Datasheet HTML 4Page - STMicroelectronics BDW94C Datasheet HTML 5Page - STMicroelectronics BDW94C Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
1.56
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-of f
Current (IE =0)
for BDW94B
VCB =80 V
for BDW93C/94C
VCB = 100 V
Tcase = 150
oC
for BDW94B
VCB =80 V
for BDW93C/94C
VCB = 100 V
100
100
5
5
µA
µA
mA
mA
ICEO
Collector Cut-of f
Current (IB =0)
for BDW94B
VCE =80 V
for BDW93C/94C
VCE = 100 V
1
1
mA
mA
IEBO
Emitter Cut-of f Current
(IC =0)
VEB =5 V
2
mA
VCEO(s us)
∗ Collector-Emitter
Sustaining Volt age
(IB =0)
IC = 100 mA
for BDW94B
for BDW 93C/94C
80
100
V
V
VCE(sat)
∗ Collector-Emitter
Sat uration Voltage
IC =5 A
I B =20 mA
IC =10 A
I B = 100 mA
2
3
V
V
VBE(sat)
∗ Base-Emitter
Sat uration Voltage
IC =5 A
I B =20 mA
IC =10 A
I B = 100 mA
2. 5
4
V
V
hFE
∗
DC Current G ain
IC =3 A
VCE =3 V
IC =5 A
VCE =3 V
IC =10 A
VCE =3 V
1000
750
100
20K
VF*
Parallel-diode Forward
Voltage
IF =5 A
IF =10 A
1.3
1.8
2
4
V
V
hfe
SmallSignalCurrent
Gain
IC =1 A
VCE =10 V
f= 1 MHz
20
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
For PNP types voltage and current values are negative.
BDW93C/BDW94B/BDW94C
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com