Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS14 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14 Datasheet(HTML) 2 Page - Texas Instruments

  SN74LS14 Datasheet HTML 1Page - Texas Instruments SN74LS14 Datasheet HTML 2Page - Texas Instruments SN74LS14 Datasheet HTML 3Page - Texas Instruments SN74LS14 Datasheet HTML 4Page - Texas Instruments SN74LS14 Datasheet HTML 5Page - Texas Instruments SN74LS14 Datasheet HTML 6Page - Texas Instruments SN74LS14 Datasheet HTML 7Page - Texas Instruments SN74LS14 Datasheet HTML 8Page - Texas Instruments SN74LS14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
SN5414, SN54LS14, SN7414, SN74LS14
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 4
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 5
6.7
Typical Characteristics .............................................. 6
7
Parameter Measurement Information .................. 9
7.1
Series SN5414 and SN7414 Devices ....................... 9
7.2
Series SN54LS14 and SN74LS14 Devices ............ 11
8
Detailed Description ............................................ 13
8.1
Overview ................................................................. 13
8.2
Functional Block Diagram ....................................... 13
8.3
Feature Description................................................. 13
8.4
Device Functional Modes........................................ 13
9
Application and Implementation ........................ 14
9.1
Application Information............................................ 14
9.2
Typical Application .................................................. 14
9.3
System Examples ................................................... 16
10
Power Supply Recommendations ..................... 17
11
Layout................................................................... 17
11.1
Layout Guidelines ................................................. 17
11.2
Layout Example .................................................... 17
12
Device and Documentation Support ................. 18
12.1
Related Links ........................................................ 18
12.2
Receiving Notification of Documentation Updates 18
12.3
Community Resources.......................................... 18
12.4
Trademarks ........................................................... 18
12.5
Electrostatic Discharge Caution ............................ 18
12.6
Glossary ................................................................ 18
13
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
Changes from Revision B (February 2002) to Revision C
Page
•
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
•
Deleted Ordering Information table; see the Package Option Addendum at the end of the data sheet ............................... 1
•
Changed Package thermal impedance, RθJA, values in Thermal Information table From: 86°C/W To: 90.1°C/W (D),
From: 96°C/W To: 105.4°C/W (DB), From: 80°C/W To: 54.9°C/W (N), and From: 76°C/W To: 88.8°C/W (NS)................... 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com