Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LS14 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS14
Description  Hex Schmitt-Trigger Inverters
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS14 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LS14 Datasheet HTML 1Page - Texas Instruments SN74LS14 Datasheet HTML 2Page - Texas Instruments SN74LS14 Datasheet HTML 3Page - Texas Instruments SN74LS14 Datasheet HTML 4Page - Texas Instruments SN74LS14 Datasheet HTML 5Page - Texas Instruments SN74LS14 Datasheet HTML 6Page - Texas Instruments SN74LS14 Datasheet HTML 7Page - Texas Instruments SN74LS14 Datasheet HTML 8Page - Texas Instruments SN74LS14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
4
2A
5
NC
6
2Y
7
NC
8
3A
14
5Y
15
NC
16
5A
17
NC
18
6Y
Not to scale
1
1A
14
VCC
2
1Y
13
6A
3
2A
12
6Y
4
2Y
11
5A
5
3A
10
5Y
6
3Y
9
4A
7
GND
8
4Y
Not to scale
3
SN5414, SN54LS14, SN7414, SN74LS14
www.ti.com
SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016
Product Folder Links: SN5414 SN54LS14 SN7414 SN74LS14
Submit Documentation Feedback
Copyright © 1983–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
D, DB, N, NS, J, or W Package
14-Pin SOIC, SSOP, PDIP, SO, CDIP, or CFP
Top View
FK Package
20-Pin LCCC
Top View
NC – No internal connection
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOIC, SSOP, TVSOP, CDIP,
PDIP,TSSOP, CFP
LCCC
1A
1
2
I
Channel 1 input
1Y
2
3
O
Channel 1 output
2A
3
4
I
Channel 2 input
2Y
4
6
O
Channel 2 output
3A
5
8
I
Channel 3 input
3Y
6
9
O
Channel 3 output
4A
9
13
I
Channel 4 input
4Y
8
12
O
Channel 4 output
5A
11
16
I
Channel 5 input
5Y
10
14
O
Channel 5 output
6A
13
19
I
Channel 6 input
6Y
12
18
O
Channel 6 output
GND
7
10
—
Ground
NC
—
1, 5, 7,
11, 15, 17
—
No internal connection
VCC
14
20
—
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com