Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QI-R Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # PL133-97QI-R
Description  Low-Power DC to 150MHz 1:9 Fanout Buffer IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-97QI-R Datasheet(HTML) 5 Page - Micrel Semiconductor

  PL133-97QI-R Datasheet HTML 1Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 2Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 3Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 4Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 5Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 6Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 7Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 8Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PL133-97
Low-Power DC to 150MHz 1:9 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 05/22/14 Page 5
SWITCHING CHARACTERISTICS (Commercial and Industrial Temperature Devices)
[3]
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
Duty Cycle [2] = t2 ÷ t1
Measured at 1.4V, VDD=3.3V, Input=50%
40
50
60
%
Measured at VDD/2 , Input = 50%
40
50
60
%
t3
Rise Time [2]
0.8V  2.0V , VDD=3.3V , 30pF Load
–
–
1.5
ns
10%  90% , VDD=2.5V , 15pF Load
–
–
2.5
ns
10%  90% , VDD=1.8V , 15pF Load
–
–
4.5
ns
t4
Fall Time [2]
2.0V  0.8V , VDD=3.3V , 30pF Load
–
–
1.5
ns
90%  10% , VDD=2.5V , 15pF Load
–
–
2.5
ns
90%  10% , VDD=1.8V , 15pF Load
–
–
4.5
ns
t5
Output to Output Skew [2]
All outputs equally loaded
–
–
250
ps
t6
Propagation Delay, REF Rising
Edge to CLKX Rising Edge [2]
Measured at VDD/2
1
5
9.2
ns
Notes:
1. REF input has a threshold voltage of VDD/2
2. Parameter is guaranteed by design and characterization. Not 100% tested i n production.
3. All parameters are specified with loaded outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com