Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-97QI-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL133-97QI-R
Description  Low-Power DC to 150MHz 1:9 Fanout Buffer IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL133-97QI-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL133-97QI-R Datasheet HTML 1Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 2Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 3Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 4Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 5Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 6Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 7Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 8Page - Micrel Semiconductor PL133-97QI-R Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PL133-97
Low-Power DC to 150MHz 1:9 Fanout Buffer IC
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 05/22/14 Page 2
PIN DESCRIPTIONS
Name
QFN-16L
Type
Description
REF
15
I
Input reference frequency.
CLK1
1
O
Buffered clock output
CLK2
4
O
Buffered clock output
CLK3
5
O
Buffered clock output
CLK4
8
O
Buffered clock output
CLK5
9
O
Buffered clock output
CLK6
12
O
Buffered clock output
CLK7
13
O
Buffered clock output
CLK8
14
O
Buffered clock output, free running, does not disable with OE.
CLK9
16
O
Buffered clock output
VDD
2, 11
P
VDD connection
GND
3, 7, 10
P
GND connection
OE
6
I
Output Enable Control Input with 130K
 Pull-Up
ePad
-
-
Center Pad for Thermal Relief. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com