Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-27GC-R Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # PL135-27GC-R
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-27GC-R Datasheet(HTML) 2 Page - Micrel Semiconductor

  PL135-27GC-R Datasheet HTML 1Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 2Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 3Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 4Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Micrel, Inc.
PL135-27
September 8, 2014
2
Revision 2.0
Ordering Information
Part Number
Ambient Temperature Range
Marking
(1)
Package
PL135-27GC-R
0°C to +70°C
J27
LLL
6-Pin 2.0mm × 1.3mm DFN
PL135-27GI-R
-40°C to +85°C
Note:
1.
LLL designates lot number.
Pin Configuration
6-Lead DFN
Pin Description
Pin Number
DFN-6L
Pin Name
Type
Pin Description
1
XIN
I
Crystal input
2
CLK1
O
Clock output
3
GND
P
GND connection
4
CLK0
O
Clock output
5
VDD
P
VDD connection
6
XOUT
O
Crystal output



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com