Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-27GC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL135-27GC-R
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-27GC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL135-27GC-R Datasheet HTML 1Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 2Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 3Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 4Page - Micrel Semiconductor PL135-27GC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Micrel, Inc.
PL135-27
September 8, 2014
3
Revision 2.0
Absolute Maximum Ratings
(2)
Supply Voltage (VDD) .................................... –0.5V to +4.6V
Output Voltage (VOUT) ............................ –0.5V to VDD+0.5V
Storage Temperature (TS).........................–65°C to +150°C
Operating Ratings
(3)
Supply Voltage (VDD)................................ +1.62V to +3.63V
Ambient Temperature (TA) .......................... –40°C to +85°C
AC Electrical Characteristics
VDD = 1.8V ±10%, 2.5V ±10% or 3.3V ±10%; CL = 15pF; TA = -40°C to +85°C, unless otherwise noted
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FX
Crystal Input Frequency
Fundamental crystal
10
40
MHz
tSETTLE
Settling Time
At Power-Up (VDD > 1.62V)
2
ms
dF/dVDD
VDD Sensitivity
Frequency vs. VDD, ±10%
-0.5
0.5
ppm
tR
Output Rise Time
10/90% VDD, VDD=3.3V
2
3
ns
tF
Output Fall Time
90/10% VDD, VDD=3.3V
2
3
ns
tSKEW
Output to Output Skew
500
ps
D-C
Duty Cycle
45
50
55
%
Notes:
2.
Exceeding the absolute maximum ratings may damage the device.
3.
The device is not guaranteed to function outside its operating ratings.
DC Electrical Characteristics
VDD = 1.8V ±10%, 2.5V ±10% or 3.3V ±10%; CL = 15pF; TA = -40°C to +85°C, unless otherwise noted
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDD
Supply Current, Dynamic
VDD = 3.3V, 25MHz, No Load
1.6
mA
VDD = 2.5V, 25MHz, No Load
1.2
mA
VDD = 1.8V, 25MHz, No Load
0.9
mA
VDD
Operating Voltage
1.62
3.63
V
VOL
Output Low Voltage
IOL = +4mA, 3.3V
0.4
V
VOH
Output High Voltage
IOH = -4mA, 3.3V
2.4
V
IOSD
Output Current
VOL = 0.4V, VOH = 2.4V
8
mA
Crystal Specifications
VDD = 1.8V ±10%, 2.5V ±10% or 3.3V ±10%; CL = 15pF; TA = -40°C to +85°C, unless otherwise noted
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FXIN
Fundamental Crystal
Resonator Frequency
10
40
MHz
CL(xtal)
Crystal Loading Rating
12
pF
PD
Operating Drive Level
0.1
2
mW
C0
Shunt Capacitance
5.5
pF
ESR
Effective Series Resistance
C0 ≤ 5.5pF
40
Ω
C0 ≤ 2.5pF
60
Ω



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com