Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-27GI-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL135-27GI-R
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-27GI-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL135-27GI-R Datasheet HTML 1Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 2Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 3Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 4Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Micrel, Inc.
PL135-27
September 8, 2014
4
Revision 2.0
Layout Recommendations
The following guidelines are to assist you with a performance optimized PCB design:
Signal Integrity and Termination Considerations
• Keep traces short.
• Trace = Inductor. With a capacitive load this equals
ringing.
• Long trace = Transmission Line. Without proper
termination this will cause reflections (looks like ringing).
• Design long traces as “striplines” or “microstrips” with
defined impedance.
• Match trace at one side to avoid reflections bouncing
back and forth.
Decoupling and Power Supply Considerations
• Place decoupling capacitors as close as possible to the
VDD pin(s) to limit noise from the power supply
• Multiple VDD pins should be decoupled separately for
best performance.
• Addition of a ferrite bead in series with VDD can help
prevent noise from other board sources
• Value of decoupling capacitor is frequency dependent.
Typical value to use is 0.1µF.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com