Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-27GI-R Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # PL135-27GI-R
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:2 Oscillator Fanout Buffer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-27GI-R Datasheet(HTML) 1 Page - Micrel Semiconductor

  PL135-27GI-R Datasheet HTML 1Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 2Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 3Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 4Page - Micrel Semiconductor PL135-27GI-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PL135-27
Low Power, 1.62V to 3.63V, 10MHz to
40MHz, 1:2 Oscillator Fanout Buffer
Revision 2.0
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 8, 2014
Revision 2.0
General Description
The PL135-27 is an advanced oscillator fanout buffer
design for high performance, low-power, small form-factor
applications. The PL135-27 accepts a fundamental crystal
input of 10MHz to 40MHz and produces two LVCMOS
outputs of the same frequency. The PL135-27 is designed
to fit in a small 2mm × 1.3mm DFN package and offers the
best phase noise, jitter performance and lowest power
consumption of any comparable IC.
Datasheets and support documentation are available on
Micrel’s web site at: www.micrel.com.
Features
• Advanced oscillator design for wide frequency coverage
• Two LVCMOS outputs
• 8mA output drive strength
• Input/output frequency: 10MHz to 40MHz fundamental
crystal
• Very low jitter and phase noise
• Low current consumption
• Single 1.62V to 3.63V power supply
• Available in 2.0mm × 1.3mm DFN-6L, GREEN/RoHS-
compliant package
Block Diagram


Similar Part No. - PL135-27GI-R

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
PL135-37 MICREL-PL135-37 Datasheet
303Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
Rev 03/18/11
PL135-37SC-R MICREL-PL135-37SC-R Datasheet
303Kb / 5P
Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
Rev 03/18/11
More results

Similar Description - PL135-27GI-R

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I ICST-ICS85211I Datasheet
106Kb / 12P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B ARPIL 8, 2003
logo
Integrated Device Techn...
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
ICS858S011I RENESAS-ICS858S011I Datasheet
677Kb / 15P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
September 19, 2017
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com