Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-37SC-R Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # PL135-37SC-R
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-37SC-R Datasheet(HTML) 4 Page - Micrel Semiconductor

  PL135-37SC-R Datasheet HTML 1Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 2Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 3Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 4Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PL135-37
Low Power, 1.62V to 3. 63V, 10M Hz to 40M Hz, 1:3 O scillat or Fanout Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 4
CRYSTAL SPECIFICATIONS
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
10
40
MHz
Crystal Loading Rating
CL (xtal)
8.5
pF
Maximum Sustainable Drive Level
200
W
Operating Drive Level
50
W
Crystal Shunt Capacitance
C0
3
pF
Effective Series Resistance
ESR
30
Ω
PACKAGE DRAWINGS (GREEN PACKAGE COM PLIANT)
SOP-8L
Symbol
Dimension in MM
Min.
Max.
A
1.35
1.75
A1
0.10
0.25
A2
1.25
1.50
B
0.33
0.53
C
0.19
0.27
D
4.80
5.00
E
3.80
4.00
H
5.80
6.20
L
0.40
0.89
e
1.27 BSC
C
L
A2
E
H
D
A1
e
b
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com