Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL135-37SC-R Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # PL135-37SC-R
Description  Low Power, 1.62V to 3.63V, 10MHz to 40MHz, 1:3 Osci l lator Fanout Buf fer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

PL135-37SC-R Datasheet(HTML) 3 Page - Micrel Semiconductor

  PL135-37SC-R Datasheet HTML 1Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 2Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 3Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 4Page - Micrel Semiconductor PL135-37SC-R Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PL135-37
Low Power, 1.62V to 3. 63V, 10M Hz to 40M Hz, 1:3 O scillat or Fanout Buffer
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1(408) 944 -0800 • fax +1(408) 474-1000 • www.micrel.com Rev 03/18/11 Page 3
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RAT INGS
PARAMETERS
SYMBOL
MIN.
MAX.
UNITS
Supply Voltage Range
VDD
-0.5
4.6
V
Input Voltage Range
VI
-0.5
VDD+0.5
V
Output Voltage Range
VO
-0.5
VDD+0.5
V
Storage Temperature
TS
-65
150
C
Ambient Operating Temperature*
-40
85
C
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permane nt
damage to the device and affect product reliability. These conditions repr esent a stress rating only, and functional operations of the
device at these or any other conditions above the operational limits noted in this specif ication is not implied. *Operating temperature is
guaranteed by design. Parts are tested to commercial grade only.
AC SPECIFICATIONS
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Crystal Input Frequency
Fundamental Crystal
10
40
MHz
Settling Time
At power-up (VDD > 1.62V)
5
ms
Output Enable Time
OE Function; Ta=25º C, 10pF Load
10
ns
VDD Sensitivity
Frequency vs. VDD, ±10%
-1
1
ppm
Output Rise Time
15pF Load, 10/90% VDD, 3.3V
2
3
ns
Output Fall Time
15pF Load, 90/10% VDD, 3.3V
2
3
ns
Output to Output Skew
Under all conditions
250
ps
Duty Cycle
Under all conditions
45
50
55
%
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current, Dynamic
IDD
VDD = 3.3V, 25MHz, No Load
4
mA
VDD = 2.5V, 25MHz, No Load
3
mA
VDD = 1.8V, 25MHz, No Load
2
mA
Supply Current, Standby
IDD_SB
OE Pin Pulled Low, 25MHz,
3.3V
0.6
mA
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +12mA, 3.3V
0.4
V
Output High Voltage
VOH
IOH = -12mA, 3.3V
2.4
V
Output Current
IOSD
VOL = 0.4V, VOH = 2.4V
12
mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com