Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPD618 Datasheet(PDF) 1 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

Part # XPD618
Description  USB Type-C PD and Type-A dual-port controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERCHIP [SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.]
Direct Link  https://www.superchip.cn
Logo SUPERCHIP - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

XPD618 Datasheet(HTML) 1 Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD.

  XPD618 Datasheet HTML 1Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 2Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 3Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 4Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 5Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 6Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 7Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 8Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. XPD618 Datasheet HTML 9Page - SHEN ZHEN FINE MADE ELECTRONICS GROUP CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
深圳市富满电子集团股份有限公司
SHEN ZHEN FINE MAD ELECTRONICS GROUP CO., LTD.
XPD740
USB Type-C PD 和 Type-A 双口控制器
Version 1.4
第
1页 共 14页
Copyright©2020, 云矽半导体
1 特性
通过 USB PD3.0 认证(TID:3479)
支持 USB Type -C 协议
- 配置为 DFP(Source)
- 广播 3A/1.5A 电流
支持 USB Power Delivery(PD)2.0 和 3.0
以及 PPS 协议
- 集成完整 PD 分层通信协议
- PDO 可配置:5V,9V,12V,15V,20V
- 输出功率高至 65W
- APDO 可配置:5V Prog,9V Prog,15V
Prog,20V Prog
支持 Quick Charge 2.0/3.0/3.0+协议
- 支持小米 CHARGE TURBO 27W 协议
支持华为 FCP/SCP 协议
支持三星 AFC 协议
支持 USB BC1.2 DCP
支持 Apple 2.4A 充电规范
集成恒压(CV)控制环路
集成 10mΩ VBUS 通路功率开关管
集成 10mΩ电流检测电阻
内置 VPWR 和 VBUS 双放电通路
支持线损补偿功能
支持 USB Type-A 和 Type-C 双口工作模式
- 独立工作都有快充,同时工作回 5V
- A 口连接苹果充电线但未接入苹果手机时,
C 口仍然有快充
A 口充饱关断电流阈值 10mA,小电流充电
安全性
- 过压/欠压保护
- 过流保护
- 过温保护
CC1/CC2/DP/DM 过压保护
ESD 特性±4KV
采用 TSSOP-16 封装
2 应用
AC-DC 适配器
USB 充电设备


Similar Part No. - XPD618

ManufacturerPart #DatasheetDescription
logo
ShenZhen ChipSourceTek ...
XPD618 CHIPSOURCETEK-XPD618 Datasheet
1Mb / 17P
Supports XPD-LINK™ interconnect USB dual-port controller
logo
SHENZHEN FUMAN ELECTRON...
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD618A2 FUMAN-XPD618A2 Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD618B FUMAN-XPD618B Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD618B2 FUMAN-XPD618B2 Datasheet
659Kb / 7P
USB Power Delivery Controller
More results

Similar Description - XPD618

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65981 TI1-TPS65981 Datasheet
140Kb / 7P
USB Type-C and USB PD Controller Power Switch
TPS25740 TI1-TPS25740 Datasheet
2Mb / 64P
USB Type-C and USB PD Source Controller
TPS25740B TI1-TPS25740B Datasheet
1Mb / 61P
USB Type-C and USB PD Source Controller
logo
ON Semiconductor
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
logo
Texas Instruments
TPS65988 TI1-TPS65988 Datasheet
9Mb / 83P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
TPS65988DJ TI1-TPS65988DJ Datasheet
9Mb / 82P
Dual Port USB Type-C and USB PD Controller with Integrated Power Switches
logo
ON Semiconductor
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB15201 ONSEMI-FUSB15201 Datasheet
626Kb / 19P
Dual Port USB Type-C & PD Controller
March, 2022 ??Rev. 2
FUSB15200 ONSEMI-FUSB15200 Datasheet
264Kb / 23P
Dual Port USB Type-C & PD Controller for Sink and DRP Applications
March, 2022 - Rev. 0
FUSB15201 ONSEMI-FUSB15201_V01 Datasheet
594Kb / 19P
Dual Port USB Type-C & PD Controller
August, 2022 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com