Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA28F-R1 Datasheet(PDF) 3 Page - Comus International

Part # AA28F-R1
Description  High Current - 1 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AA28F-R1 Datasheet(HTML) 3 Page - Comus International

  AA28F-R1 Datasheet HTML 1Page - Comus International AA28F-R1 Datasheet HTML 2Page - Comus International AA28F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
GRAPHS
Part Number: 28 Series
High Current - 1 Form A - PhotoDMOS Relays
Product Data Sheet
Relays
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Rev: 0 - Date: June/17/2016 - Signature: BR
40 VOLTS
High Current
up to 4.5A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com