Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AA28F-R1 Datasheet(PDF) 1 Page - Comus International

Part # AA28F-R1
Description  High Current - 1 Form A - PhotoDMOS Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMUS [Comus International]
Direct Link  https://comus-intl.com/
Logo COMUS - Comus International

AA28F-R1 Datasheet(HTML) 1 Page - Comus International

  AA28F-R1 Datasheet HTML 1Page - Comus International AA28F-R1 Datasheet HTML 2Page - Comus International AA28F-R1 Datasheet HTML 3Page - Comus International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: 28 Series
High Current - 1 Form A - PhotoDMOS Relays
Product Data Sheet
CONNECTION DIAGRAM
ORDERING INFORMATION
SCHEMATIC
PICTURE
FEATURES
Phone: (1) 973 777 6900
www.comus-intl.com
Fax: (1) 973 777 8405
As part of the company policy of continued product improvement, specifications may change without notice. Our sales office will be pleased to help you with the latest information on this product range and
the details of our full design and manufacturing service. All products are supplied to our standard conditions of sale unless otherwise agreed in writing.
An ISO 9001 Certified Company
Belgium: + 32 (0)12 390400 - Comus Europe Ltd (Assemtech) UK: +44 (0) 1255 862236 - Germany: +49 (0)911 923 15 943 - Netherlands: +31(0)45 54 39 345 - India: +(91) (44) 43219090
©2016 Copyright Comus International, 454 Allwood Road, Clifton NJ 07012, USA
Relays
•
PhotoDMOS Relays
• 40 Volt, 4.5 Amp Hi-Current design
• On-Resistance: 0.02 Ω (typical)
• I/O Breakdown Voltage 3750 Vrms Min.
• Optional High I/O BV 5000 Vrms Min.
• Max LED Current 3.0 mA
• Low Off-State Leakage Current 10 μ A Max
1: Anode
2: Cathode
3: NC
4, 6: Drain
5: Source
(LED)
(LED)
(MOS FET)
(MOS FET)
DIP6
8.8
LOAD
VL(AC or DC)
VL(DC)
VL(DC)
VL(DC)
IF
IF
IF
IF
LOAD
Control bi-directional signal
A
C
B
On-Resistance is 1/2 of A-connection
On-Resistance is 1/2 of B-connection
LOAD
LOAD
8.8
6.4
3.4
3.4
6.4
SMD6
1
2
3
(+)
(-)
6
5
4
AA28(F)
Drawings not to scale. All dimensions in mm nominal. Pitch: 2.54 mm
28
AA = DIP(6 pin)
Part Number Example: AA28X-XX
AA28F-R1 = Series 28, 6-Pin DIP, SMD style with tape
and reel packaging
Body Style
Series Options
Rev: 0 - Date: June/17/2016 - Signature: BR
40 VOLTS
High Current
up to 4.5A
F = SMD
R1 = Tape & Reel (SMD Only)
H = 5KV I/O BV


Similar Part No. - AA28F-R1

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AA280 ALPHA-AA280 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA280-25 SKYWORKS-AA280-25 Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
AA280-25LF SKYWORKS-AA280-25LF Datasheet
388Kb / 7P
GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB 300 kHz-2 GHz
logo
Kingbright Corporation
AA2810ACGSK KINGBRIGHT-AA2810ACGSK Datasheet
288Kb / 4P
2.8 x 0.8 mm Right Angle SMD Chip LED Lamp
More results

Similar Description - AA28F-R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1526A VISHAY-LH1526A Datasheet
167Kb / 8P
Dual 1 Form A Solid-State Relays
26-Oct-04
logo
Infineon Technologies A...
LH1525AT INFINEON-LH1525AT Datasheet
187Kb / 7P
1 Form A Solid-State Relays
March 21, 2001-14
LH1526AB INFINEON-LH1526AB Datasheet
179Kb / 6P
Dual 1 Form A Solid-State Relays
March 26, 2000-17
logo
National Instruments Co...
PXI-2564 NI-PXI-2564 Datasheet
132Kb / 3P
16-Channel, 5 A SPST (Form A) Relays
logo
Coto Technology
C226S COTO-C226S Datasheet
388Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
Coto Technology
C226S COTO-C226S Datasheet
382Kb / 2P
Contact Form: C226S: 1 Form A / C326S: 2 Form A
logo
Broadcom Corporation.
ASSR-5211 BOARDCOM-ASSR-5211 Datasheet
164Kb / 11P
High Current, 1 Form A, Solid State Relay (MOSFET)
ASSR-1611 BOARDCOM-ASSR-1611 Datasheet
163Kb / 11P
High Current, 1 Form A, Solid State Relay (MOSFET)
logo
Standex Electronics, In...
8824185100 STANDEX-8824185100 Datasheet
79Kb / 2P
Reed Relays REED RELAY 1 FORM A SPST-NO, 24V
Version: 01
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com