Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3812 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AS3812
Description  16-Channel LED Driver for Local Dimming
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AS3812 Datasheet(HTML) 1 Page - Renesas Technology Corp

  AS3812 Datasheet HTML 1Page - Renesas Technology Corp AS3812 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS3812
16-Channel LED Driver for Local Dimming
Short-Form Datasheet
Page 1
R16DO0039EU0120 Rev.1.20
Jul 17, 2024
The AS3812 is the next generation of fully integrated
16-channel LED backlight driver. LED current set
resistors are integrated in order to save external
components as well as reducing the pin-count of the
IC while maintaining a very high absolute LED current
accuracy of ±1%.
The speed of the current regulation has been
increased to support minimum PWM on times down to
1µs.12-bit fully flexible PWM generators per channel
and 10-bit LED current resolution can be used to
adjust the brightness of the LED strings.
Dialog’s patented digital enhanced DC/DC feedback
function is regulating any external SMPS to the best
suitable output voltage needs of the LED strings to
minimize power dissipation.
Dialog’s patented dimming method allows
synchronizing the PWM generators with V/HSYNC of
the video SOC/GPU.
The device can be programmed via SPI and daisy
chain connection to cascade many devices easily.
Features
▪ 16 fully flexible, 12-bit PWM generators provide
optimium power savings through local dimming
▪ Period, high time, delay, reverse functions
▪ Global 10-bit IDAC gives ±1% LED current
accuracy for highest brightness uniformity
▪ Integrated current sink FETs and current set
resistors – Lower BOM cost
▪ VSYNC and HSYNC inputs and integrated
digital PLL allow synchronization with TV frame
▪ Universally compatible DC/DC feedback
architecture with digital enhancement –
configurable via SPI
▪ Fully protected with integrated features
▪ Short/Open LED detection
▪ Over-temperature shutdown
▪ Register lock/unlock
▪ Minimum PWM on-time of 1ms – enables high
contrast ratios
Applications
▪ Ultra-HD/4K TVs
▪ LCD Monitors
▪ Notebooks/medium-small size displays


Similar Part No. - AS3812

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
AS38-H39E BOARDCOM-AS38-H39E Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B06S BOARDCOM-AS38-H39E-B06S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B12S BOARDCOM-AS38-H39E-B12S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
AS38-H39E-B13S BOARDCOM-AS38-H39E-B13S Datasheet
1Mb / 8P
39-Bit Energy-Harvesting Multi-Turn Absolute Encoder
December 9, 2019
More results

Similar Description - AS3812

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5998 GMT-G5998 Datasheet
82Kb / 1P
8-CH Local Dimming LED Driver IC
logo
Texas Instruments
TLC69601 TI-TLC69601 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602 TI-TLC69602 Datasheet
1Mb / 11P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
TLC69601 TI-TLC69601_V01 Datasheet
1Mb / 11P
TLC696x1 16-Channel, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602 TI-TLC69602_V01 Datasheet
1Mb / 11P
TLC696x2/4/8 16-Channel, 2/4/8 Time-Multiplexing, Local Dimming Backlight LED Driver
APRIL 2023
TLC69602-Q1 TI-TLC69602-Q1 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI-TLC69601-Q1 Datasheet
1,014Kb / 8P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69602-Q1 TI-TLC69602-Q1_V01 Datasheet
1Mb / 8P
TLC696x2/4/8-Q1 16-Channel, 2/4/8 Time-Multiplexing, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI1-TLC69601-Q1_V01 Datasheet
1Mb / 9P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
TLC69601-Q1 TI-TLC69601-Q1_V02 Datasheet
1Mb / 11P
TLC696x1-Q1 16-Channel, Automotive Local Dimming Backlight LED Driver
JUNE 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com