Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3824 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # AS3824
Description  16-Channel White LED Controller for LCD Backlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AS3824 Datasheet(HTML) 1 Page - Renesas Technology Corp

  AS3824 Datasheet HTML 1Page - Renesas Technology Corp AS3824 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AS3824
16-Channel White LED Controller for LCD Backlight
Short-Form Datasheet
Page 1
R16DO0040EU0130 Rev.1.30
Jul 17, 2024
The AS3824 is a 16 channel high precision LED
controller for use in LCD-backlight panels. Dynamic
power feedback controls the external power supply to
guarantee best efficiency. One high accurate global
10 bit DAC can be used to set the LED current as well
as each channel has its own additional 8 bit DAC to
boost the dynamic range of LED Backlight systems.
Each channel is equipped with an independent PWM
generator which can also be synchronized to an
external synchronization signal (VSYNC).
A fast mode supports minimum PWM duty cycle
operation which helps to further reduce the energy
consumption of modern LED Backlight systems.
The PWM generator clock can be generated internally
(DPLL) or an external clock source can be connected
to the HSYNC input.
Built-in safety features include thermal shutdown as
well as open and short LED detection. The device is
programmable via serial interface (SPI).
Features
▪ Supports all LED backlight topologies
▪ No limit of VLED or ILED, device is not
exposed to high voltage/high current
▪ Optimum power savings through local dimming
▪ 16 fully flexible 12 bit PWM generators (period,
high time, delay, reverse)
▪ One global highly accurate 10 bit DAC which
sets the LED current (±0.5% accuracy)
▪ High dynamic range boost function
▪ 16 independent 8 bit DACs can be used to
boost/decrease LED current within certain
frames
▪ Global dimming mode option
▪ AS3824E/E1 are pre-programmed as external
PWM mode (DPWM mode), VSYNC pin is used as
PWM input. AS3824A/A1 are pre-programmed
as SPI mode
▪ VSYNC and HSYNC inputs, as well as
integrated digital PLL for synchronization with
TV frame
▪ Lowest BOM
▪ Due to 2 pin concept of the output channel: no
HV protection, no cascade FETs
▪ Feedback function is compatible to every DC-
DC architecture and configurable via SPI
▪ Short/OPEN LED detection, temperature
shutdown, register lock/unlock, SPI transfer
checksum
Applications
▪ HD TVs
▪ UHD TVs
▪ LCD Monitors


Similar Part No. - AS3824

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
6-channel white LED controller for LCD backlight
6??2??7
More results

Similar Description - AS3824

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3693A AMSCO-AS3693A Datasheet
71Kb / 3P
16 channel high precision LED driver for LCD backlight
logo
Analog Devices
ADD5207ACPZ AD-ADD5207ACPZ Datasheet
428Kb / 16P
Four-String, White LED Driver for LCD Backlight Applications
REV. A
logo
ams AG
AS3693B AMSCO-AS3693B Datasheet
3Mb / 33P
16 Channel high precision LED driver for LCD Backlight
AS3693B1 AMSCO-AS3693B1 Datasheet
4Mb / 34P
16 Channel high precision LED driver for LCD Backlight
AS3695A AMSCO-AS3695A Datasheet
2Mb / 34P
16 channel white LED driver for LCD backlight
AS3695C AMSCO-AS3695C Datasheet
2Mb / 40P
16 channel white LED controller for LCD backlight
logo
BCD Semiconductor Manuf...
AP3068 BCDSEMI-AP3068 Datasheet
393Kb / 15P
WHITE LED DRIVER FOR LCD PANEL BACKLIGHT
logo
Dialog Semiconductor
AS3820 DIALOG-AS3820 Datasheet
2Mb / 52P
16-Channel White LED Controller for LCD Backlight
logo
ams AG
AS3822 AMSCO-AS3822 Datasheet
125Kb / 2P
8 channel white LED controller for LCD backlight
6??2??7
AS3823 AMSCO-AS3823 Datasheet
123Kb / 2P
6-channel white LED controller for LCD backlight
6??2??7
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com