Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3824 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # AS3824
Description  16-Channel White LED Controller for LCD Backlight
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

AS3824 Datasheet(HTML) 2 Page - Renesas Technology Corp

  AS3824 Datasheet HTML 1Page - Renesas Technology Corp AS3824 Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2
R16DO0040EU0130 Rev.1.30
Jul 17, 2024
AS3824 Short-Form Datasheet
G1 S1
G2 S2
G15 S15
G16 S16
16 output
channels
Power Supply
e.g:DCDC step up/down
FB1
FB2
VDD
VDD
SDI
SCLK
xCS
HSYNC
VSYNC
16x precision current sink
16x PWM generators
DPLL
SPI
DCDC
feedback
VLED
Vin
LDO
SDO
xFault
4.7uF
2.2uF
V3_2
VSS_sense
VSSA
VSSA
EPAD
AS3824
Figure 1. AS3824 Typical Application



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com