Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103-4DEMO2Z Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HIP2103-4DEMO2Z
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2103-4DEMO2Z Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HIP2103-4DEMO2Z Datasheet HTML 11Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 12Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 13Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 14Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 15Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 16Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 17Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 18Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
HIP2103, HIP2104
4. Typical Perfomance Graphs
FN8276 Rev.2.0
Page 15 of 30
Feb 25, 2021
4.
Typical Perfomance Graphs
Figure 10. VDD Dropout vs VBAT (HIP2104 Only)
Figure 11. VCC Dropout vs VBAT (HIP2104 Only)
Figure 12. HIP2104 Shutdown Current
(VCEN = VDEN = 0, HS = VBAT)
Figure 13. HIP2104 VBAT Current vs VBAT Voltage
Figure 14. HIP2104 VBAT Operating Current
Figure 15. HIP2104 VCC Current Limit
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
16
18
20
VBAT (V)
No Load
160Ω (75mA at 12V)
2
3
4
0
1
6
432
1
VBAT (V)
5
No Load
44Ω (75mA at 3.3V)
3.5
4.0
4.5
5.0
5.5
2.0
2.5
3.0
10
20
30
40
50
VBAT (V)
6.00E-05
8.00E-05
1.00E-04
1.20E-04
1.40E-04
1.60E-04
1.80E-04
10
15
20
25
30
35
40
45
50
VBAT (V)
VCEN = VDEN = 1
VCEN = 1; VDEN = 0
VCEN = 0; VDEN = 1
0
100
200
300
400
500
600
700
800
900
0
102030
40
50
60
VBAT (V)
Switching, 0kHz
Switching, 10kHz
Switching, 20kHz
No Load on LO and HO
0
1
2
3
4
0
25
50
75
100
125
150
ICC (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com