Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103-4DEMO2Z Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HIP2103-4DEMO2Z
Description  60V, 1A/2A Peak, Half-Bridge Driver with 4V UVLO
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP2103-4DEMO2Z Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HIP2103-4DEMO2Z Datasheet HTML 20Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 21Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 22Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 23Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 24Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 25Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 26Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 27Page - Renesas Technology Corp HIP2103-4DEMO2Z Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
HIP2103, HIP2104
6. Application Examples
FN8276 Rev.2.0
Page 24 of 30
Feb 25, 2021
practical application using values of Cfilter = 4700pF and RHS =1Ω, the voltage impressed on the bridge FET is
less than 1V.
The emphasis of suppressing transients on the HS pin has been with negative transients. Note: A similar
transient with a positive polarity occurs when the low-side FET turns off. This is usually not a problem unless the
bridge voltage is close to the maximum rated operating voltage of 50V. Note: The maximum voltage ratings for
the HS and HB nodes also must be observed when the positive transient occurs.
The maximum rating for (VHB - VHS) must also not be overlooked. When a negative transient, Vneg, is present
on the HS pin, the voltage differential across HB and HS approaches VDD + Vneg. If the transient duration is
short compared to the charging time constant of the boot diode and boot capacitor, the voltage across HB and HS
is not significantly affected. However, another source of negative voltage on the HS pin increases the boot
capacitor voltage. While current is flowing from the source to drain of the low-side FET during the dead time, the
current flows through body diode of the FET. Depending on the size of the FET and the amplitude of the reverse
current, the voltage across the diode can be as high as -1.5V and much higher during a load fault. Because this
negative voltage has little impedance, the boot capacitor can charge to a voltage greater than VDD (for example
VDD + 1.5V). It may be necessary to either clamp the voltage as described in Figures 25 through 27 and/or keep
the dead time as short as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com