Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM285-1.2 Datasheet(PDF) 3 Page - Silicon Supplies

Part # LM285-1.2
Description  Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM285-1.2 Datasheet(HTML) 3 Page - Silicon Supplies

  LM285-1.2 Datasheet HTML 1Page - Silicon Supplies LM285-1.2 Datasheet HTML 2Page - Silicon Supplies LM285-1.2 Datasheet HTML 3Page - Silicon Supplies LM285-1.2 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
www.siliconsupplies.com
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reverse Breakdown
Voltage
VR
lR =100µA
1.223
1.235
1.247
V
Minimum Operating
Current
IRMIN
TJ = 25°C
-
8
10
µA
10µA < IR < 1mA
-
1
-
10µA < IR < 1mA, Full range
-
-
1.5
1mA < IR < 20mA
-
10
-
Reverse Breakdown
Voltage Tolerance
2
VR
1mA < IR < 20mA, Full range
-
-
20
mV
Reverse Dynamic
Impedance
ZR
lR = 100µA, f = 20 Hz
-
-
1
Ω
Wideband Noise
eN
IR =100μA,10Hz ≤ f ≤ 10KHz
-
60
-
µVRMS
Reverse
Breakdown Voltage
Long Term Stability
Δ
VR
t = 1000 hours
T = 25°C ±0.1°C, lR =100µA
-
20
-
ppm
Average Reverse
Breakdown Voltage
Temperature
Coefficient
3
Δ
VR / ΔT
lR =100µA
-
50
-
ppm /°C
Absolute Maximum Ratings
1
TA = 25°C unless otherwise stated
PARAMETER
SYMBOL
VALUE
UNIT
Reverse Current
IR
30
mA
Forward Current
IF
10
mA
Operating Temperature Range
TJ
-40 to 125
°C
Storage Temperature
TSTG
-65 to 150
°C
Voltage Reference – LM285-1.2
Rev 1.0
19/08/25
PARAMETER
SYMBOL
MIN
MAX
UNIT
Reverse Current
IR
0.010
20
mA
Operating Temperature Range
-
-40 to 125
°C
Recommended Operating Conditions T
J = 25°C unless otherwise stated
Electrical Characteristics, T
J = 25°C unless otherwise stated
1. Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum ratings, for extended periods, may
reduce device reliability.
2. Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[(∆VR/∆T)(max∆T)(VR)]. Where,
∆
VR/∆T is the VR temperature coefficient, max∆T is the maximum difference in temperature from the reference point of 25˚C to TMIN or TMAX, and VR is
the reverse breakdown voltage. 3. The average temperature coefficient is defined as the maximum deviation of reference voltage at all measured
temperatures between the operating TMAX and TMIN, divided by TMAX − TMIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com