Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM285-1.2 Datasheet(PDF) 2 Page - Silicon Supplies

Part # LM285-1.2
Description  Voltage Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM285-1.2 Datasheet(HTML) 2 Page - Silicon Supplies

  LM285-1.2 Datasheet HTML 1Page - Silicon Supplies LM285-1.2 Datasheet HTML 2Page - Silicon Supplies LM285-1.2 Datasheet HTML 3Page - Silicon Supplies LM285-1.2 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
www.siliconsupplies.com
d
Voltage Reference – LM285-1.2
Rev 1.0
19/08/25
Pad Layout and Functions
Typical Application
An external series resistor (RS) is connected between supply voltage, VS, and the LM285.
RS determines the current that flows through the load (IL) and the LM285 (IR). Since load current and supply voltage
may vary, RS should be small enough to supply at least the minimum acceptable IR to the LM285 even when the supply
voltage is at its minimum and the load current is at its maximum value. When the supply voltage is at its maximum and
IL is at its minimum, RS should be large enough so that the current flowing through the LM285 is less than 20mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR), and the LM285’s reverse
breakdown voltage, VR.
VS - VR
IL + IR
RS =
VS
RS
VO
IR
IL
IL + IR
VR
COORDINATES (µm)
PAD
FUNCTION
X
Y
1
ANODE (-)
-263.5
529.5
2
NO CONNECT
-437
547
3
NO CONNECT
-437
417
4
NO CONNECT
-415
287
5
NO CONNECT
-437
157
6
NO CONNECT
-408
7
7
NO CONNECT
-408
-123
8
NO CONNECT
-408
-253
9
NO CONNECT
-408
-383
10
NO CONNECT
-408
-513
11
NO CONNECT
-251
-513
12
CATHODE (+)
419.5
-529.5
CONNECT CHIP BACK TO ANODE (-)
1060µm (41.73mils)
Schematic
12
11
10
9
8
7
6
5
4
3
2
1
0,0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com