Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPFSM204 Datasheet(PDF) 3 Page - Pentair plc. All rights reserved.

Part # PPFSM204
Description  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPFSM204 Datasheet(HTML) 3 Page - Pentair plc. All rights reserved.

  PPFSM204 Datasheet HTML 1Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 2Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 3Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 4Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 5Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 6Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 7Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE systEms
3
PaRtIaL subPaNEL
Partial Subpanels are 12 gauge
steel, have flanges on four sides
and are painted white. Panels can
be positioned vertically in 25-
mm increments and also can be
positioned at any depth in 25-mm
increments using the optional grid
straps. Conductive subpanels are
unpainted galvanized steel. All
necessary mounting hardware is
included.
Bulletin: p20
Catalog Number
Material
H (mm)
H (in.)
W (mm)
W (in.)
Fits Frame
PPP46
Steel
360
14.17
530
20.87
700 mm or taller
PPP46G
Conductive
360
14.17
530
20.87
700 mm or taller
PPP47
Steel
360
14.17
630
24.80
700 mm or taller
PPP47G
Conductive
360
14.17
630
24.80
700 mm or taller
PPP48
Steel
360
14.17
730
28.74
700 mm or taller
PPP48G
Conductive
360
14.17
730
28.74
700 mm or taller
PPP412
Steel
360
14.17
1130
44.49
700 mm or taller
PPP412G
Conductive
360
14.17
1130
44.49
700 mm or taller
PPP86
Steel
735
28.94
530
20.87
1400 mm or taller
PPP86G
Conductive
735
28.94
530
20.87
1400 mm or taller
PPP87
Steel
735
28.94
630
24.80
1400 mm or taller
PPP88
Steel
735
28.94
730
28.74
1400 mm or taller
PPP88G
Conductive
735
28.94
730
28.74
1400 mm or taller
PPP810
Steel
735
28.94
930
36.61
1400 mm or taller
PPP810G
Conductive
735
28.94
930
36.61
1400 mm or taller
PPP96
Steel
835
32.87
530
20.87
1400 mm or taller
PPP96G
Conductive
835
32.87
530
20.87
1400 mm or taller
PPP97
Steel
835
32.87
630
24.80
1400 mm or taller
PPP97G
Conductive
835
32.87
630
24.80
1400 mm or taller
PPP98
Steel
835
32.87
730
28.74
1400 mm or taller
PPP98G
Conductive
835
32.87
730
28.74
1400 mm or taller
PPP910
Steel
835
32.87
930
36.61
1400 mm or taller
PPP910G
Conductive
835
32.87
930
36.61
1400 mm or taller
PPP106
Steel
935
36.81
530
20.87
1400 mm or taller
PPP106G
Conductive
935
36.81
530
20.87
1400 mm or taller
PPP108
Steel
935
36.81
730
28.74
1400 mm or taller
PPP108G
Conductive
935
36.81
730
28.74
1400 mm or taller
PPP116
Steel
1035
40.75
530
20.87
1400 mm or taller
PPP116G
Conductive
1035
40.75
530
20.87
1400 mm or taller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com