Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPFSM204 Datasheet(PDF) 8 Page - Pentair plc. All rights reserved.

Part # PPFSM204
Description  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPFSM204 Datasheet(HTML) 8 Page - Pentair plc. All rights reserved.

  PPFSM204 Datasheet HTML 1Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 2Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 3Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 4Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 5Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 6Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 7Page - Pentair plc. All rights reserved. PPFSM204 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
mOduLaR ENCLOsuRE systEms
8
gRId stRaPs
Grid Straps are 14 gauge plated steel. They are provided with
specially designed rectangular holes to allow the use of cage nuts
or front-loading cage nuts. Mounting holes are provided on 25-mm
centers. Grid Straps are available with either 1 row or 3 rows of
holes and are furnished in pairs. Mounting hardware to attach Grid
Straps to the frame or to other Grid Straps is included.
•
Can be mounted front-to-back horizontally across the bottom or
sides of the PROLINE frame
•
Can be mounted left-to-right horizontally between front-to-back
pairs or from the sides of the PROLINE frame
•
Can be mounted vertically between horizontally mounted Grid
Straps
Bulletin: DpY, p20
Catalog Number
Hole Pattern
L (mm)
L (in.)
Fits Frame
Depth
Fits Frame
Width
PGH1S5
One Row
342
13.46
500
—
PGH1S6
One Row
442
17.40
600
—
PGH1S7
One Row
542
21.34
700
600
PGH1S8
One Row
642
25.28
800
700
PGH1S9
One Row
742
29.21
900
800
PGH1S10
One Row
842
33.15
1000
900
PGH1S11
One Row
942
37.08
—
1000
PGH1S13
One Row
1142
44.96
—
1200
PGH1S17
One Row
1542
60.71
—
1600
PGH3S4
Three Row
242
9.53
400
—
PGH3S5
Three Row
342
13.46
500
—
PGH3S6
Three Row
442
17.40
600
—
PGH3S7
Three Row
542
21.34
700
600
PGH3S8
Three Row
642
25.28
800
700
PGH3S9
Three Row
742
29.21
900
800
PGH3S10
Three Row
842
33.15
1000
300
PGH3S11
Three Row
942
37.08
1100
1000
PGH3S12
Three Row
1242
48.89
1200
—
PGH3S13
Three Row
1142
44.96
—
1200
PGH3S17
Three Row
1542
60.71
—
1600



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com