Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL4448 Datasheet(PDF) 1 Page - ON Semiconductor

Part # FDLL4448
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDLL4448 Datasheet(HTML) 1 Page - ON Semiconductor

  FDLL4448 Datasheet HTML 1Page - ON Semiconductor FDLL4448 Datasheet HTML 2Page - ON Semiconductor FDLL4448 Datasheet HTML 3Page - ON Semiconductor FDLL4448 Datasheet HTML 4Page - ON Semiconductor FDLL4448 Datasheet HTML 5Page - ON Semiconductor FDLL4448 Datasheet HTML 6Page - ON Semiconductor FDLL4448 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2002
September, 2024 − Rev. 6
1
Publication Order Number:
1N914/D
Small Signal Diode
1N91x, 1N4x48, FDLL914,
FDLL4x48
ORDERING INFORMATION
Part Number
Marking
Package
Packing Method
1N914
914
DO−204AH (DO−35)
Bulk
1N914−T50A
914
DO−204AH (DO−35)
Ammo
1N914TR
914
DO−204AH (DO−35)
Tape and Reel
1N914ATR
914A
DO−204AH (DO−35)
Tape and Reel
1N914B
914B
DO−204AH (DO−35)
Bulk
1N914BTR
914B
DO−204AH (DO−35)
Tape and Reel
1N916
916
DO−204AH (DO−35)
Bulk
1N916A
916A
DO−204AH (DO−35)
Bulk
1N916B
916B
DO−204AH (DO−35)
Bulk
1N4148
4148
DO−204AH (DO−35)
Bulk
1N4148TA
4148
DO−204AH (DO−35)
Ammo
1N4148−T26A
4148
DO−204AH (DO−35)
Ammo
1N4148−T50A
4148
DO−204AH (DO−35)
Ammo
1N4148TR
4148
DO−204AH (DO−35)
Tape and Reel
1N4148−T50R
4148
DO−204AH (DO−35)
Tape and Reel
1N4448
4448
DO−204AH (DO−35)
Bulk
1N4448TR
4448
DO−204AH (DO−35)
Tape and Reel
FDLL914
Black
SOD−80
Tape and Reel
FDLL914A
Black
SOD−80
Tape and Reel
FDLL914B
Black
SOD−80
Tape and Reel
FDLL4148
Black
SOD−80
Tape and Reel
FDLL4148−D87Z
Black
SOD−80
Tape and Reel
FDLL4448
Black
SOD−80
Tape and Reel
FDLL4448−D87Z
Black
SOD−80
Tape and Reel
SOD−80 COLOR BAND MARKING
DEVICE
1ST BAND
FDLL914
BLACK
FDLL914A
BLACK
FDLL914B
BLACK
FDLL4148
BLACK
FDLL4448
BLACK
-1st band denotes cathode terminal
and has wider width
LL−34
THE PLACEMENT OF THE EXPANSION GAP
HAS NO RELATIONSHIP TO THE LOCATION
OF THE CATHODE TERMINAL
SOD80
Cathode Band
DO−35
Cathode is denoted with a black band


Similar Part No. - FDLL4448

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL4448 FAIRCHILD-FDLL4448 Datasheet
78Kb / 4P
Small Signal Diode
FDLL4448 FAIRCHILD-FDLL4448 Datasheet
336Kb / 10P
General Purpose Diodes
FDLL4448 FAIRCHILD-FDLL4448 Datasheet
101Kb / 4P
Small Signal Diode
FDLL4448 FAIRCHILD-FDLL4448 Datasheet
116Kb / 4P
Small Signal Diode
FDLL4448 FAIRCHILD-FDLL4448 Datasheet
137Kb / 6P
Small Signal Diode
More results

Similar Description - FDLL4448

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
Fairchild Semiconductor
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
Small Signal Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com