Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL4448 Datasheet(PDF) 3 Page - ON Semiconductor

Part # FDLL4448
Description  Small Signal Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDLL4448 Datasheet(HTML) 3 Page - ON Semiconductor

  FDLL4448 Datasheet HTML 1Page - ON Semiconductor FDLL4448 Datasheet HTML 2Page - ON Semiconductor FDLL4448 Datasheet HTML 3Page - ON Semiconductor FDLL4448 Datasheet HTML 4Page - ON Semiconductor FDLL4448 Datasheet HTML 5Page - ON Semiconductor FDLL4448 Datasheet HTML 6Page - ON Semiconductor FDLL4448 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N91x, 1N4x48, FDLL914, FDLL4x48
www.onsemi.com
3
TYPICAL PERFORMANCE CHARACTERISTICS
110
120
130
140
150
160
Ta=25
oC
1
Reverse Current, IR [uA]
Figure 1. Reverse Voltage vs. Reverse Current
BV − 1.0 to 100 mA
0
20
40
60
80
100
120
10
20
30
50
70
100
Ta= 25
oC
Reverse Voltage, VR [V]
GENERAL RULE: The Reverse Current of a diode will approximately
double for every ten (10) Degree C increase in Temperature
Figure 2. Reverse Current vs. Reverse Voltage
IR − 10 to 100 V
250
300
350
400
450
500
550
Ta= 25
oC
Forward Current, IF [uA]
Figure 3. Forward Voltage vs. Forward Current
VF − 1 to 100 mA
450
500
550
600
650
700
750
0.1
Ta= 25
oC
Forward Current, IF [mA]
Figure 4. Forward Voltage vs. Forward Current
VF − 0.1 to 10 mA
0.6
0.8
1.0
1.2
1.4
1.6
10
Ta= 25
oC
Forward Current, IF [mA]
Figure 5. Forward Voltage vs. Forward Current
VF − 10 to 800 mA
0.01
0.1
1
10
300
400
500
600
700
800
900
3
0.3
0.03
Typical
Ta= −40
oC
Ta= 25
oC
Ta= +65
o C
Forward Current, IF [mA]
Figure 6. Forward Voltage vs. Ambient Temperature
VF - 0.01 - 20 mA (- 40 to +65°C)
2
3
5
10
20
30
50
100
1
2
3
5
10
20
30
50
100
0.2
0.3
0.5
1
2
3
5
10
20
30
50
100
200
300
500
800



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com