Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB681GD Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # NB681GD
Description  28V, 6A, Low Iq, High Current Synchronous Buck Converter with 2-Bit VID
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB681GD Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button NB681GD Datasheet HTML 7Page - Monolithic Power Systems NB681GD Datasheet HTML 8Page - Monolithic Power Systems NB681GD Datasheet HTML 9Page - Monolithic Power Systems NB681GD Datasheet HTML 10Page - Monolithic Power Systems NB681GD Datasheet HTML 11Page - Monolithic Power Systems NB681GD Datasheet HTML 12Page - Monolithic Power Systems NB681GD Datasheet HTML 13Page - Monolithic Power Systems NB681GD Datasheet HTML 14Page - Monolithic Power Systems NB681GD Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
NB681- 28V, 6 A, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER WITH 2-BIT VID
NB681 Rev. 1.04
www.MonolithicPower.com
11
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Control
Logic
On-Time
One Shot
Fault
Logic
Soft Start
POR &
Reference
130% Vref
OVP
OC Limit
POK
UVP-2
Min off time
VOUT
90% Vref
50% Vref
VOUT
VIN
SW
BSTREG
VIN
BST
SW
PGND
PG
3V3
Output
Discharge
VIN
VOUT
DC Error
Correction
+
+
Vout
REF
Vref
Vout
EN
AGND
LP#
MODE
REF
Control
C1
C0
UVP-1
75% Vref
MODE
Figure 1—Functional block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com