Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB681GD Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # NB681GD
Description  28V, 6A, Low Iq, High Current Synchronous Buck Converter with 2-Bit VID
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

NB681GD Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button NB681GD Datasheet HTML 9Page - Monolithic Power Systems NB681GD Datasheet HTML 10Page - Monolithic Power Systems NB681GD Datasheet HTML 11Page - Monolithic Power Systems NB681GD Datasheet HTML 12Page - Monolithic Power Systems NB681GD Datasheet HTML 13Page - Monolithic Power Systems NB681GD Datasheet HTML 14Page - Monolithic Power Systems NB681GD Datasheet HTML 15Page - Monolithic Power Systems NB681GD Datasheet HTML 16Page - Monolithic Power Systems NB681GD Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
NB681- 28V, 6 A, HIGH-CURRENT SYNCHRONOUS BUCK CONVERTER WITH 2-BIT VID
NB681 Rev. 1.04
www.MonolithicPower.com
13
12/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
As the output current increases from the light-
load condition, the time period within which the
current modulator regulates becomes shorter.
The HS-FET is turned on more frequently; the
switching frequency increases accordingly. The
output current reaches the critical level when the
current modulator time is zero. The critical level
of the output current is determined with Equation
(1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V


(1)
The device enters PWM mode once the output
current exceeds the critical level. After that, the
switching frequency stays fairly constant over the
output current range.
DC Auto-Tune Loop
NB681 applies a DC auto-tune loop to balance
the DC error between VFB and VREF by adjusting
the comparator input REF to make VFB always
follow VREF. This loop is quite slow, so it improves
the load and line regulation without affecting the
transient performance. The relationship between
VFB,VREF, and REF is shown in Figure 4.
Figure 4—DC auto-tune loop operation
VCCIO/PRIMCORE/EDRAM/EOPIO/V1.0A
MODE Select
NB681 combines mode selection to support
different rails in IMVP8 including VCCIO,
PRIMCORE, EDRAM, EOPIO, and V1.0A. These
rails have different (normal) VID and different
voltages in LPM, VID slew rate, and other
features. By selecting a different resistor from
MODE to GND, NB681 can be applied in
different rails with proper features. Table 1 shows
resistor settings on MODE to enter different rails.
Table 1—MODE selection for different rails
MODE VR Rail
Resistor to GND
(1% accuracy)
M1
VCCIO
0
M2
PRIMCORE
Float or > 230 K
M3
EDRAM/V1.0A/EOPIO
100 K
M4
Others
150 K
Low-Power Mode
To minmize power loss at light-load, NB681
enters low-power mode once LP# is set to low.
NB681 is allowed to decay to the LPM target
value with the assertion of LP#. When the VR
enters LPM, it behaves in the following manner:
PG remains high to all power good logic;
VR stops switching;
The output decays into the load (discharge
circuitry is off) and decays to 0 V.
Once LP# changes from 0 V1 V, NB681 exits
LPM by ramping up Vout (with a proper delay
and slew rate) to make sure the output is ready in
240 µs, including the delay time (Tdelay). The
operation timing and slew rate of the LP# and
Vout is shown in Figure 5.
Figure 5—LPM voltage transition and timing
The LPM target value, slew rate, and PG state
for different rails are listed in Table 2.
Table 2—Intel LPM specification for each rail
PRIMCORE
VCCIO
EDRAM/
EOPIO
OTHER
LPM
target(V)
0.7
0
0
0
LPM enter
Decay
Decay
Decay
Decay
LPM exit
timer(μs)
45
240
240
240
PG during
LPM
High
High
High
High
Control Bit Definitions (LP#, VID)
The control bit definitions including LP# and VIDx
for different rails are shown in Table 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com