Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6295 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FN6295
Description  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6295 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button FN6295 Datasheet HTML 3Page - Renesas Technology Corp FN6295 Datasheet HTML 4Page - Renesas Technology Corp FN6295 Datasheet HTML 5Page - Renesas Technology Corp FN6295 Datasheet HTML 6Page - Renesas Technology Corp FN6295 Datasheet HTML 7Page - Renesas Technology Corp FN6295 Datasheet HTML 8Page - Renesas Technology Corp FN6295 Datasheet HTML 9Page - Renesas Technology Corp FN6295 Datasheet HTML 10Page - Renesas Technology Corp FN6295 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ISL2110, ISL2111
FN6295 Rev.8.01
Page 7 of 16
Oct 2, 2023
Input Pull-Down Resistance
RI
-
210
-
100
500
kΩ
UNDERVOLTAGE PROTECTION
VDD Rising Threshold
VDDR
6.1
6.6
7.1
5.8
7.4
V
VDD Threshold Hysteresis
VDDH
-0.6
-
-
-
V
HB Rising Threshold
VHBR
5.5
6.1
6.8
5.0
7.1
V
HB Threshold Hysteresis
VHBH
-0.6
-
-
-
V
BOOTSTRAP DIODE
Low Current Forward Voltage
VDL
IVDD-HB = 100µA
-
0.5
0.6
-
0.7
V
High Current Forward Voltage
VDH
IVDD-HB = 100mA
-
0.7
0.9
-
1
V
Dynamic Resistance
RD
IVDD-HB = 100mA
-
0.7
1
-
1.5
Ω
LO GATE DRIVER
Low Level Output Voltage
VOLL
ILO = 100mA
-
0.1
0.18
-
0.25
V
High Level Output Voltage
VOHL
ILO = -100mA, VOHL = VDD - VLO
-
0.16
0.23
-
0.3
V
Peak Pull-Up Current
IOHL
VLO = 0V
-
3
-
-
-
A
Peak Pull-Down Current
IOLL
VLO = 12V
-
4
-
-
-
A
HO GATE DRIVER
Low Level Output Voltage
VOLH
IHO = 100mA
-
0.1
0.18
-
0.25
V
High Level Output Voltage
VOHH
IHO = -100mA, VOHH = VHB - VHO
-
0.16
0.23
-
0.3
V
Peak Pull-Up Current
IOHH
VHO = 0V
-
3
-
-
-
A
Peak Pull-Down Current
IOLH
VHO = 12V
-
4
-
-
-
A
Electrical Specifications VDD = VHB = 12V, VSS = VHS = 0V, no load on LO or HO, unless otherwise specified. (Continued)
PARAMETERS
SYMBOL
TEST CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNIT
MIN
(Note 10)TYP
MAX
(Note 10)
MIN
(Note 10)
MAX
(Note 10)
Switching Specifications VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO, unless otherwise specified.
PARAMETERS
SYMBOL
TEST
CONDITIONS
TJ = +25°C
TJ = -40°C to +125°C
UNIT
MIN
(Note 10)TYP
MAX
(Note 10)
MIN
(Note 10)
MAX
(Note 10)
Lower Turn-Off Propagation Delay (LI Falling to LO Falling)
tLPHL
-32
50
-
60
ns
Upper Turn-Off Propagation Delay (HI Falling to HO Falling)
tHPHL
-32
50
-
60
ns
Lower Turn-On Propagation Delay (LI Rising to LO Rising)
tLPLH
-39
50
-
60
ns
Upper Turn-On Propagation Delay (HI Rising to HO Rising)
tHPLH
-38
50
-
60
ns
Delay Matching: Upper Turn-Off to Lower Turn-On
tMON
18
-
-
16
ns
Delay Matching: Lower Turn-Off to Upper Turn-On
tMOFF
16
-
-
16
ns
Either Output Rise Time (10% to 90%)
tRC
CL = 1nF
-
9
-
-
-
ns
Either Output Fall Time (90% to 10%)
tFC
CL = 1nF
-
7.5
-
-
-
ns
Either Output Rise Time (3V to 9V)
tR
CL = 0.1µF
-
0.3
0.4
-
0.5
µs
Either Output Fall Time (9V to 3V)
tF
CL = 0.1µF
-
0.19
0.3
-
0.4
µs
Minimum Input Pulse Width that Changes the Output
tPW
--
-
-
50
ns
Bootstrap Diode Turn-On or Turn-Off Time
tBS
-10
-
-
-
ns
NOTE:
10. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com