Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN6295 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # FN6295
Description  100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FN6295 Datasheet(HTML) 1 Page - Renesas Technology Corp

  FN6295 Datasheet HTML 1Page - Renesas Technology Corp FN6295 Datasheet HTML 2Page - Renesas Technology Corp FN6295 Datasheet HTML 3Page - Renesas Technology Corp FN6295 Datasheet HTML 4Page - Renesas Technology Corp FN6295 Datasheet HTML 5Page - Renesas Technology Corp FN6295 Datasheet HTML 6Page - Renesas Technology Corp FN6295 Datasheet HTML 7Page - Renesas Technology Corp FN6295 Datasheet HTML 8Page - Renesas Technology Corp FN6295 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
FN6295 Rev.8.01
Page 1 of 16
Oct 2, 2023
© 2006-2023 Renesas Electronics
ISL2110, ISL2111
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
DATASHEET
The ISL2110, ISL2111 are 100V, high frequency, half-bridge
N-Channel power MOSFET driver ICs. They are based on the
popular HIP2100, HIP2101 half-bridge drivers, but offer
several performance improvements. Peak output
pull-up/pull-down current has been increased to 3A/4A, which
significantly reduces switching power losses and eliminates
the need for external totem-pole buffers in many applications.
Also, the low end of the VDD operational supply range has
been extended to 8VDC. The ISL2110 has additional input
hysteresis for superior operation in noisy environments and the
inputs of the ISL2111, like those of the ISL2110, can now
safely swing to the VDD supply rail.
Applications
• Telecom half-bridge DC/DC converters
• Telecom full-bridge DC/DC converters
• Two-switch forward converters
• Active-clamp forward converters
• Class-D audio amplifiers
Features
• Drives N-Channel MOSFET half-bridge
• SOIC, DFN, and TDFN package options
• SOIC, DFN, and TDFN packages compliant with 100V
conductor spacing guidelines per IPC-2221
• Pb-free (RoHS compliant)
• Bootstrap supply max voltage to 114VDC
• On-chip 1W bootstrap diode
• Fast propagation times for multi-MHz circuits
• Drives 1nF load with typical rise/fall times of 9ns/7.5ns
• CMOS compatible input thresholds (ISL2110)
• 3.3V/TTL compatible input thresholds (ISL2111)
• Independent inputs provide flexibility
•No start-up problems
• Outputs unaffected by supply glitches, HS ringing below
ground or HS slewing at high dv/dt
• Low power consumption
• Wide supply voltage range (8V to 14V)
• Supply undervoltage protection
• 1.6W/1W typical output pull-up/pull-down resistance
FIGURE 1. APPLICATION BLOCK DIAGRAM
SECONDARY
CIRCUIT
+100V
CONTROLLER
PWM
LI
HI
HO
LO
VDD
HS
HB
+12V
VSS
REFERENCE
AND
ISOLATION
DRIVE
LO
DRIVE
HI
ISL2110
ISL2111


Similar Part No. - FN6295

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
FN6294 RENESAS-FN6294 Datasheet
826Kb / 12P
100V, 2A Peak, High Frequency Half-Bridge Drivers
Oct 17, 2023
More results

Similar Description - FN6295

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
ISL2110 INTERSIL-ISL2110 Datasheet
307Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
100V, 1.25A Peak, High Frequency Half-Bridge Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com