Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3206P/G/D Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # LNK3206P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3206P/G/D Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button LNK3206P/G/D Datasheet HTML 3Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 4Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 5Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 6Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 7Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 8Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 9Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 10Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Rev. Q 06/23
7
LinkSwitch-TN2
www.power.com
Table 2.
Common Circuit Configurations using LinkSwitch-TN2. (continued on next page)
Topology
Basic Circuit Schematic
Key Features
High-Side
Buck –
Direct
Feedback
1. Output referenced to input
2. Positive output (V
O) with respect to -VIN
3. Step down – V
O < VIN
4. Low cost direct feedback (±10% typ.)
5. Requires an output load to maintain regulation
High-Side
Buck –
Optocoupler
Feedback
1. Output referenced to input
2. Positive output (V
O) with respect to -VIN
3. Step down – V
O < VIN
4. Optocoupler feedback
- Accuracy only limited by reference choice
- Low cost non-safety rated optocoupler
- No pre-load required
5. Minimum no-load consumption
Low-Side
Buck –
Optocoupler
Feedback
1. Output referenced to input
2. Negative output (V
O) with respect to +VIN
3. Step down – V
O < VIN
4. Optocoupler feedback
- Accuracy only limited by reference choice
- Low cost non-safety rated optocoupler
- No pre-load required
- Ideal for driving LEDs
Low-Side
Buck –
Constant
Current LED
Driver
High-Side
Buck-Boost –
Direct
Feedback
1. Output referenced to input
2. Negative output (V
O) with respect to +VIN
3. Step up/down – V
O > VIN or VO < VIN
4. Low cost direct feedback (±10% typ.)
5. Fail-safe – output is not subjected to input
voltage if the internal power MOSFET fails
6. Ideal for driving LEDs – better accuracy and
temperature stability than low-side buck
constant current LED driver
7. Requires an output load to maintain regulation
High-Side
Buck-Boost –
Constant
Current LED
Driver
VO
VIN
PI-7843-031616
+
+
FB
BP/M
S
D
LinkSwitch-TN2
LinkSwitch-TN2
PI-7844-031616
+
+
BP/M
FB
D
S
VO
VIN
LinkSwitch-TN2
PI-7845-031616
+
+
BP/M
FB
D
S
VO
VIN
LinkSwitch-TN2
PI-7846-031616
+
+
BP/M
FB
D
S
VIN
IO
R =
VF
VF
IO
VO
VIN
PI-7847-031616
+
FB
BP/M
S
D
LinkSwitch-TN2
RSENSE =
RSENSE
300 Ω
2 kΩ
2 V
IO
IO
100 nF
10 µF
50 V
VIN
PI-7849-031616
+
FB
BP/M
S
D
LinkSwitch-TN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com