Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNK3206P/G/D Datasheet(PDF) 20 Page - Power Integrations, Inc.

Part # LNK3206P/G/D
Description  Highly Energy Efficient Off-line Switcher IC with Integrated System Level
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK3206P/G/D Datasheet(HTML) 20 Page - Power Integrations, Inc.

Back Button LNK3206P/G/D Datasheet HTML 16Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 17Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 18Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 19Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 20Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 21Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 22Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 23Page - Power Integrations, Inc. LNK3206P/G/D Datasheet HTML 24Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Rev. Q 06/23
20
LinkSwitch-TN2
www.power.com
Typical Performance Characteristics 900 V
Figure 26. Normalized Current Limit vs. di/dt.
Figure 28. Standard Current Limit at Low Ramp Rate.
Figure 29. Standard Current Limit at High Ramp Rate.
Figure 27. Normalized Current Limit vs. di/dt.
1.2
1.0
1.4
0.8
0.6
0.4
0.2
0.0
1
2
3
4
5
6
7
Normalized di/dt
LNK3294 65 mA/µs 250 mA
LNK3296 95 mA/µs 480 mA
Scaling
Factors:
Normalized
di/dt = 1
Normalized
ILIM = 1
1.2
1.0
1.4
0.8
0.6
0.4
0.2
0.0
1
2
3
4
5
6
7
Normalized di/dt
LNK3294 65 mA/µs 197 mA
LNK3296 95 mA/µs 368 mA
Scaling
Factors:
Normalized
di/dt = 1
Normalized
ILIM = 1
Figure 30. Reduced Current Limit at Low Ramp Rate.
Figure 31. Reduced Current Limit at High Ramp Rate.
1.0
0.8
1.2
0.6
0.4
0.2
0.0
-50 -30 -10 10 30 50 70 90 110 130 150
Junction Temperature (°C)
LNK3294 65 mA/µs 250 mA
LNK3296 95 mA/µs 480 mA
Scaling
Factors:
Normalized ILIM = 1
1.0
0.8
1.2
0.6
0.4
0.2
0.0
-50 -30 -10 10 30 50 70 90 110 130 150
Junction Temperature (°C)
LNK3294 415 mA/µs 283 mA
LNK3296 610 mA/µs 577 mA
Scaling
Factors:
Normalized ILIM = 1
1.0
0.8
1.2
0.6
0.4
0.2
0.0
-50 -30 -10 10 30 50 70 90 110 130 150
Junction Temperature (°C)
LNK3294 65 mA/µs 197 mA
LNK3296 95 mA/µs 368 mA
Scaling
Factors:
Normalized ILIM = 1
1.0
0.8
1.2
0.6
0.4
0.2
0.0
-50 -30 -10 10 30 50 70 90 110 130 150
Junction Temperature (°C)
LNK3294 415 mA/µs 225 mA
LNK3296 610 mA/µs 460 mA
Scaling
Factors:
Normalized ILIM = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com