Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSV52 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BSV52
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BSV52 Datasheet(HTML) 1 Page - STMicroelectronics

  BSV52 Datasheet HTML 1Page - STMicroelectronics BSV52 Datasheet HTML 2Page - STMicroelectronics BSV52 Datasheet HTML 3Page - STMicroelectronics BSV52 Datasheet HTML 4Page - STMicroelectronics BSV52 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BSV52
SO2369/SO2369A
SMALL SIGNAL NPN TRANSISTORS
s
SILICON EPITAXIAL PLANAR NPN
TRANSISTORS
s
MINIATURE PLASTIC PACKAGE FOR
APPLICATION IN SURFACE MOUNTING
CIRCUITS
s
LOW CURRENT, FAST SWITCHING
APPLICATIONS.
INTERNAL SCHEMATIC DIAGRAM
March 1996
1
2
3
SOT-23
Type
Marking
BSV52
B2
SO2369
N11
SO 2369A
N81
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Uni t
SO2369/A
BSV52
VCES
Collector-Emit ter Voltage (VBE =0)
40
20
V
VCBO
Collector-Base Voltage (IE =0)
40
20
V
VCEO
Collector-Emit ter Voltage (IB =0)
15
12
V
VEBO
Emitter-Base Voltage (IC =0)
4.5
5
V
ICM
Collector Peak Current
0.2
A
Ptot
Tot al Dissipation at Tc =25
oC
200
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. O perat ing Junction Temperature
150
oC
1/5


Similar Part No. - BSV52

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BSV52 PHILIPS-BSV52 Datasheet
45Kb / 8P
NPN switching transistor
1999 Apr 15
logo
Fairchild Semiconductor
BSV52 FAIRCHILD-BSV52 Datasheet
89Kb / 7P
NPN Switching Transistor
logo
Diotec Semiconductor
BSV52 DIOTEC-BSV52 Datasheet
178Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Zetex Semiconductors
BSV52 ZETEX-BSV52 Datasheet
36Kb / 1P
SOT23 NPN SILICON PLANAR HIGH SPEED WITCHING TRANSISTOR
logo
Guangdong Kexin Industr...
BSV52 KEXIN-BSV52 Datasheet
44Kb / 2P
NPN Switching Transistor
More results

Similar Description - BSV52

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com