Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSV52 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BSV52
Description  SMALL SIGNAL NPN TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BSV52 Datasheet(HTML) 3 Page - STMicroelectronics

  BSV52 Datasheet HTML 1Page - STMicroelectronics BSV52 Datasheet HTML 2Page - STMicroelectronics BSV52 Datasheet HTML 3Page - STMicroelectronics BSV52 Datasheet HTML 4Page - STMicroelectronics BSV52 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS (Continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
fT
Transit ion F requency
IC =10 mA VCE = 10V f = 100MHz
for SO2369A
for BSV52/SO 2369
500
400
MHz
MHz
CCB
Collect or Base
Capacitance
IE =0
VCE =5 V
f =1 MHz
4
pF
CEB
Emitt er Base
Capacitance
IC =0
VEB =1 V
f =1 MHz
for BSV52
4.5
pF
ton
Turn On T ime
IC =10 mA
VBE =-0.5 V
IB =3 mA
12
ns
ts
St orage Time
IC =10 mA
IB1 =-IB2 =10mA
13
ns
toff
Turn Off T ime
IC =10 mA
IB1 =3 mA
IB2 = -1.5 mA
18
ns
∗ Pulsed: Pulse duration = 300 µs, duty cycle ≤ 2%
BSV52/SO2369/SO2369A
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com