Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2369 Datasheet(PDF) 21 Page - Injoinic Technology Co.,Ltd.

Part # IP2369
Description  Supports multiple fast charging input and output protocols such as PD3.1, supports 2 to 6 series battery cells, integrates buck-boost power MOS, and has a maximum charge and discharge power of 45W.
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2369 Datasheet(HTML) 21 Page - Injoinic Technology Co.,Ltd.

Back Button IP2369 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 21Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 22Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 23Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 24Page - Injoinic Technology Co.,Ltd. IP2369 Datasheet HTML 25Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
IP2369
V1.21
http://www.injoinic.com/
21 / 26
Copyright © 2024, Injoinic Corp.
11.9 按键功能
IP2369 支持按键功能,按键的连接方式如图 8 所示,
图
10
EN 按键连接方式
1.2V≤VEN<3.3V 为高电平,0≤VEN<1.2V 为低电平,EN 电压不要超出 5V。
EN 脚高电平持续时间大于 100ms,小于 2s,即为短按动作;进入低功耗模式后,短按会打开电量
显示灯,并进入空载状态,如检测到有充放电设备则会进入对应充放电状态;空载状态下,持续
10s C 口
都未检测到有充电或放电设备接入,就会进入低功耗状态。在空载状态下,在
1s 内连续进行 2 次短按操
作,也会关机进入低功耗状态,关闭电量灯显和放电输出
;
EN 脚高电平持续时间大于 10s,则系统会进行复位。
EN 脚不能悬空,必须接 10K 电阻下拉到地。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com